Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3835F Datasheet(PDF) 3 Page - Rohm

Part # BA3835F
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3835F Datasheet(HTML) 3 Page - Rohm

  BA3835F Datasheet HTML 1Page - Rohm BA3835F Datasheet HTML 2Page - Rohm BA3835F Datasheet HTML 3Page - Rohm BA3835F Datasheet HTML 4Page - Rohm BA3835F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
REV. G
Block Diagram
Application example
(1) Numbers and data in entries are representative design values and are not guaranteed values of the items.
(2) Although we are confident in recommending the sample application circuits, carefully check their
characteristics further when using them. When modifying externally attached component constants before
use, determine them so that they have sufficient margins by taking into account variations in externally
attached components and the Rohm LSI, not only for static characteristics but also including transient
characteristics.
(3) Absolute maximum ratings
If applied voltage, operating temperature range, or other absolute maximum ratings are exceeded, the LSI may
be damaged. Do not apply voltages or temperatures that exceed the absolute maximum ratings. If you think
of a case in which absolute maximum ratings are exceeded, enforce fuses or other physical safety measures
and investigate how not to apply the conditions under which absolute maximum ratings are exceeded to the
LSI.
(4) GND potential
Make the GND pin voltage such that it is the lowest voltage even when operating below it. Actually confirm
that the voltage of each pin does not become a lower voltage than the GND pin, including transient phenomena.
Terminal
Number
Terminal
Name
1
BIASC
2
VREFC
3
RREF
4
N.C
5
DIFOUT
6
N.C
7
CIN
8
AIN
9
VCC
10
A
11
B
12
C
13
N.C
14
SEL
15
N.C
16
TEST
17
AOUT
18
GND
SOP18 (Unit:mm)
1 8
B I A S
1 7
1 6
1 5
1 0
1 1
1 2
1 3
1 4
BPF
105Hz
BPF
340Hz
BPF
1kH
z
BPF
3.4kH
z
BPF
10.5kHz
HOLD
PEAK
HOLD
PEAK
HOLD
PEAK
HOLD
PEAK
HOLD
PEAK
RES
RES
RES
RES
RES
DIF
A-C
C
A
MPX
DEC
V R E F
REFFERENCE CURRENT
BIASC
VREFC
RREF
N.C
DIFOUT
N.C.
CIN
N
VCC
GND
AOUT
TEST
N.C
SEL
N.C
C
B
A
AI
BA3835F
LOT No.
Outline Dimension
Terminal Number/ Terminal Name


Similar Part No. - BA3835F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3835F ROHM-BA3835F Datasheet
131Kb / 10P
   Band-pass filter for spectrum analyzer
BA3835F ROHM-BA3835F Datasheet
261Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
More results

Similar Description - BA3835F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com