Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C303S8 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9C303S8
Description  Logarithmic Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C303S8 Datasheet(HTML) 2 Page - Intersil Corporation

  X9C303S8 Datasheet HTML 1Page - Intersil Corporation X9C303S8 Datasheet HTML 2Page - Intersil Corporation X9C303S8 Datasheet HTML 3Page - Intersil Corporation X9C303S8 Datasheet HTML 4Page - Intersil Corporation X9C303S8 Datasheet HTML 5Page - Intersil Corporation X9C303S8 Datasheet HTML 6Page - Intersil Corporation X9C303S8 Datasheet HTML 7Page - Intersil Corporation X9C303S8 Datasheet HTML 8Page - Intersil Corporation X9C303S8 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN8223.2
January 30, 2009
Pin Descriptions
VH and VL
The high (VH) and low (VL) terminals of the device are
equivalent to the fixed terminals of a mechanical
potentiometer. The minimum voltage is –5V and the
maximum is +5V. It should be noted that the terminology of
VL and VH references the relative position of the terminal in
relation to wiper movement direction selected by the U/D
input and not the voltage potential on the terminal.
VW
VW is the wiper terminal, equivalent to the movable terminal
of a mechanical potentiometer. The position of the wiper
within the array is determined by the control inputs. The
wiper terminal series resistance is typically 40
Ω.
Up/Down (U/D)
The U/D input controls the direction of the wiper movement
and whether the counter is incremented or decremented.
Increment (INC)
The INC input is negative-edge triggered. Toggling INC will
move the wiper and either increment or decrement the counter
in the direction indicated by the logic level on the U/D input.
Chip Select (CS)
The device is selected when the CS input is LOW. The current
counter value is stored in nonvolatile memory when CS is
returned HIGH while the INC input is also HIGH. After the store
operation is complete, the device will be placed in the low
power standby mode until the device is selected once again.
Pinouts
X9C303
(8 LD SOIC, 8 LD PDIP)
TOP VIEW
X9C303
(8 LD TSSOP)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
X9C303P
X9C303P
0 to +70
8 Ld PDIP
MDP0031
X9C303PI
X9C303P I
-40 to +85
8 Ld PDIP
MDP0031
X9C303PIZ (Notes 1, 2)
X9C303P ZI
-40 to +85
8 Ld PDIP (300 mil) (Pb-free)
MDP0031
X9C303PZ (Notes 1, 2)
X9C303P Z
0 to +70
8 Ld PDIP (300 mil) (Pb-free)
MDP0031
X9C303S8*, **
X9C303S
0 to +70
8 Ld SOIC (150 mil)
MDP0027
X9C303S8I*
X9C303S I
-40 to +85
8 Ld SOIC (150 mil)
MDP0027
X9C303S8IZ* (Note 1)
X9C303S ZI
-40 to +85
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
X9C303S8Z* (Note 1)
X9C303S Z
0 to +70
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
X9C303V8*, **
9C303
0 to +70
8 Ld TSSOP (4.4mm)
M8.173
X9C303V8I*
C303 I
-40 to +85
8 Ld TSSOP (4.4mm)
M8.173
X9C303V8IZ* (Note 1)
C303 IZ
-40 to +85
8 Ld TSSOP (4.4mm) (Pb-free)
M8.173
X9C303V8Z* (Note 1)
9C303 Z
0 to +70
8 Ld TSSOP (4.4mm) (Pb-free)
M8.173
X9C303S8I-2.7
X9C303S G
-40 to +85
8 Ld SOIC (150 mil)
MDP0027
X9C303S8IZ-2.7 (Note 1) X9C303S ZG
-40 to +85
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
*Add “T1” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
**Add “T2” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
2. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
VCC
CS
VL
VW
INC
U/D
VH
VSS
1
2
3
4
8
7
6
5
X9C303
1
2
3
4
8
7
6
5
X9C303
CS
VCC
INC
U/D
VL
VW
VSS
VH
X9C303


Similar Part No. - X9C303S8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C303S8 XICOR-X9C303S8 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C303S8 INTERSIL-X9C303S8 Datasheet
272Kb / 10P
   Digitally Controlled Potentiomet (XDCP)
X9C303S8 INTERSIL-X9C303S8 Datasheet
261Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C303S8 INTERSIL-X9C303S8 Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
logo
Renesas Technology Corp
X9C303S8 RENESAS-X9C303S8 Datasheet
534Kb / 10P
   Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
More results

Similar Description - X9C303S8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C303 INTERSIL-X9C303_07 Datasheet
261Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com