Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C303P Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9C303P
Description  Logarithmic Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C303P Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9C303P Datasheet HTML 2Page - Intersil Corporation X9C303P Datasheet HTML 3Page - Intersil Corporation X9C303P Datasheet HTML 4Page - Intersil Corporation X9C303P Datasheet HTML 5Page - Intersil Corporation X9C303P Datasheet HTML 6Page - Intersil Corporation X9C303P Datasheet HTML 7Page - Intersil Corporation X9C303P Datasheet HTML 8Page - Intersil Corporation X9C303P Datasheet HTML 9Page - Intersil Corporation X9C303P Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN8223.2
January 30, 2009
DC Electrical Specifications
Over recommended operating conditions, unless otherwise specified. Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
(Note 3)
MAX
ICC
Vcc Active Current
CS = VIL, U/D = VIL or VIH and
INC = 0.4V to 2.4V @ Max tCYC
13
mA
ISB
Standby Supply Current
CS = VCC - 0.3V, U/D and INC =VSS or
VCC - 0.3V
200
750
µA
ILI
CS, INC, U/D Input Leakage Current
VIN = VSS to VCC
-10
+10
µA
VIH
CS, INC, U/D Input HIGH Voltage
2
V
VIL
CS, INC, U/D Input LOW voltage
0.8
V
CIN (Note 5)
CS, INC, U/D Input Capacitance
VCC = 5V, VIN = VSS,
TA = +25°C, f = 1MHz
10
pF
EEPROM SPECS
EEPROM Endurance
Wiper storage operations over
recommended operation conditions
100,000
Cycles
EEPROM Retention
At +55°C
100
Years
NOTES:
3. Typical values are for TA = +25°C and nominal supply voltage.
Standard Parts
PART NUMBER
MAXIMUM RESISTANCE
WIPER INCREMENTS
MINIMUM RESISTANCE
X9C303
32k
Ω
Log Taper
40
Ω Typical
AC Conditions of Test
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
10ns
Input Reference Levels
1.5V
AC Electrical Specifications
Over recommended operating conditions, unless otherwise specified. Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
TYP
(Note 4)
MAX
tCl
CS to INC Set-up
100
ns
tlD
INC HIGH to U/D Change
100
ns
tDI
U/D to INC Set-up
2.9
µs
tlL
INC LOW Period
1
µs
tlH
INC HIGH Period
1
µs
tlC
INC Inactive to CS Inactive
1
µs
tCPH
CS Deselect Time
20
ms
tIW (Note 5)
INC to VW Change
100
µs
tCYC
INC Cycle Time
2
µs
X9C303


Similar Part No. - X9C303P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C303P XICOR-X9C303P Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C303P INTERSIL-X9C303P Datasheet
272Kb / 10P
   Digitally Controlled Potentiomet (XDCP)
X9C303P INTERSIL-X9C303P Datasheet
261Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C303P INTERSIL-X9C303P Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
logo
Renesas Technology Corp
X9C303P RENESAS-X9C303P Datasheet
534Kb / 10P
   Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
More results

Similar Description - X9C303P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C303 INTERSIL-X9C303_07 Datasheet
261Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com