Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C303P Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9C303P
Description  Logarithmic Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C303P Datasheet(HTML) 3 Page - Intersil Corporation

  X9C303P Datasheet HTML 1Page - Intersil Corporation X9C303P Datasheet HTML 2Page - Intersil Corporation X9C303P Datasheet HTML 3Page - Intersil Corporation X9C303P Datasheet HTML 4Page - Intersil Corporation X9C303P Datasheet HTML 5Page - Intersil Corporation X9C303P Datasheet HTML 6Page - Intersil Corporation X9C303P Datasheet HTML 7Page - Intersil Corporation X9C303P Datasheet HTML 8Page - Intersil Corporation X9C303P Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN8223.2
January 30, 2009
Potentiometer Relationships
Principles of Operation
There are three sections of the X9C303: the input control,
counter and decode section; the nonvolatile memory; and the
resistor array. The input control section operates just like an
up/down counter. The output of this counter is decoded to turn
on a single electronic switch connecting a point on the resistor
array to the wiper output. Under the proper conditions, the
contents of the counter can be stored in nonvolatile memory
and retained for future use. The resistor array is comprised of
99 individual resistors connected in series. At either end of the
array and between each resistor is an electronic switch that
transfers the potential at that point to the wiper.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the last
position. That is, the counter does not wrap around when
clocked to either extreme.
The electronic switches on the device operate in a “make
before break” mode when the wiper changes tap positions. If
the wiper is moved several positions, multiple taps are
connected to the wiper for tIW (INC to VW change). The
RTOTAL value for the device can temporarily be reduced by a
significant amount if the wiper is moved several positions.
When the device is powered-down, the last counter position
stored will be maintained in the nonvolatile memory. When
power is restored, the contents of the memory are recalled
and the counter is reset to the value last stored.
Instructions and Programming
The INC, U/D and CS inputs control the movement of the
wiper along the resistor array. With CS set LOW, the device is
selected and enabled to respond to the U/D and INC inputs.
HIGH to LOW transitions on INC will increment or decrement
(depending on the state of the U/D input) a seven-bit counter.
The output of this counter is decoded to select one of
one-hundred wiper positions along the resistive array.
The value of the counter is stored in nonvolatile memory
whenever CS transitions HIGH while the INC input is also
HIGH.
The system may select the X9C303, move the wiper, and
deselect the device without having to store the latest wiper
position in nonvolatile memory. The wiper movement is
performed as previously described ; once the new position is
reached, the system would the keep INC LOW while taking
CS HIGH. The new wiper position would be maintained until
changed by the system or until a power-down/up cycle
recalled the previously stored data.
This would allow the system to always power-up to a preset
value stored in nonvolatile memory; then during system
operation minor adjustments could be made. The
adjustments might be based on user preference: system
parameter changes due to temperature drift, etc.
The state of U/D may be changed while CS remains LOW.
This allows the host system to enable the device and then
move the wiper up and down until the proper trim is attained.
Pin Names
SYMBOL
DESCRIPTION
VH
High Terminal (Potentiometer)
VW
Wiper Terminal (Potentiometer)
VL
Low Terminal (Potentiometer)
VSS
Ground
VCC
Supply Voltage
U/D
Up/Down Control Input
INC
Increment Control Input
CS
Chip Select Control Input
NC
No Connection
VL
VH
(VS)
R99
R98
R2
R1
S100
S99
S98
S3
S2
S1
VW
G
i
20Log
R
1
R
2
. . .
R
i
++
+
R
TOTAL
-------------------------------------------------
V
W
V
S
--------- V
L
0V
=
()
==
R
1
R
2
. . .
R
99
++
+
R
TOTAL
=
(REFER TEST CIRCUIT 1)
Mode Selection
CS
INC
U/D
MODE
L
H
Wiper Up
L
L
Wiper Down
H
X
Store Wiper Position
H
X
X
Standby Current
L
X
No Store, Return to Standby
L
H
Wiper Up (not recommended)
L
L
Wiper Down (not recommended)
X9C303


Similar Part No. - X9C303P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C303P XICOR-X9C303P Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C303P INTERSIL-X9C303P Datasheet
272Kb / 10P
   Digitally Controlled Potentiomet (XDCP)
X9C303P INTERSIL-X9C303P Datasheet
261Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C303P INTERSIL-X9C303P Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
logo
Renesas Technology Corp
X9C303P RENESAS-X9C303P Datasheet
534Kb / 10P
   Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
More results

Similar Description - X9C303P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C303 INTERSIL-X9C303_07 Datasheet
261Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com