Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA50JC5WT Datasheet(PDF) 5 Page - Rohm

Part # BA50JC5WT
Description  Secondary Fixed Output LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA50JC5WT Datasheet(HTML) 5 Page - Rohm

  BA50JC5WT Datasheet HTML 1Page - Rohm BA50JC5WT Datasheet HTML 2Page - Rohm BA50JC5WT Datasheet HTML 3Page - Rohm BA50JC5WT Datasheet HTML 4Page - Rohm BA50JC5WT Datasheet HTML 5Page - Rohm BA50JC5WT Datasheet HTML 6Page - Rohm BA50JC5WT Datasheet HTML 7Page - Rohm BA50JC5WT Datasheet HTML 8Page - Rohm BA50JC5WT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BA□□JC5 Series,BA00JC5WT
Technical Note
5/10
www.rohm.com
2011.02 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Block Diagrams / Standard Example Application Circuits
Input / Output Equivalent Circuits
31kΩ
2kΩ
27kΩ
CTL
Vcc
R2
R1
Vcc
OUT
Fig.15
[BA□□JC5T]
Fig.13
[BA00JC5WT]
Fig.14
* For the BA00JC5WT, connect R1 and R2
externally between the ADJ and GND pins
and between the OUT and ADJ pins.
Pin No.
Pin name
Function
1
Vcc
Power supply voltage input
2
GND
GND
3
OUT
Voltage output
Pin No.
Pin name
Function
1
CTL
Output voltage on/off control
2
Vcc
Power supply voltage input
3
GND
GND
4
OUT
Voltage output
5
C
ADJ pin
1 23 45
12 34 5
TO220FP-5 TO220FP-5 (V5)
TO220FP-3
12 3
TOP VW
TOP VIEW
Equation: VOUT = Vc
 (R1 + R2) / R1
(Vc = 1.25 V (Typ.))
The recommended R1 value is approximately
30 k
 to 150 k.
PIN
External capacit setting range
Vcc (1 Pin)
Approximately 0.33
F
OUT (3 Pin)
22
F to 1000 F
PIN
External capacit setting range
Vcc (2 Pin)
Approximately 0.33
F
OUT (4 Pin)
22
F to 1000 F
TSD
OCP
Driver
Vref
1
0.33μF
Vcc
Vcc
GND
OUT
2
3
22μF
TSD
OCP
Driver
Vref
1
0.33μF
Vcc
CTL
GND
OUT
3
4
22μF
2
Vcc
C
5
Vcc
R2
R1


Similar Part No. - BA50JC5WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA50JC5 ROHM-BA50JC5 Datasheet
430Kb / 16P
   1.5A Variable/Fixed Output LDO Regulators
BA50JC5T ROHM-BA50JC5T Datasheet
430Kb / 16P
   1.5A Variable/Fixed Output LDO Regulators
BA50JC5T ROHM-BA50JC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
More results

Similar Description - BA50JC5WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com