Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA06CC0WT Datasheet(PDF) 6 Page - Rohm

Part # BA06CC0WT
Description  Standard Fixed Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA06CC0WT Datasheet(HTML) 6 Page - Rohm

Back Button BA06CC0WT Datasheet HTML 2Page - Rohm BA06CC0WT Datasheet HTML 3Page - Rohm BA06CC0WT Datasheet HTML 4Page - Rohm BA06CC0WT Datasheet HTML 5Page - Rohm BA06CC0WT Datasheet HTML 6Page - Rohm BA06CC0WT Datasheet HTML 7Page - Rohm BA06CC0WT Datasheet HTML 8Page - Rohm BA06CC0WT Datasheet HTML 9Page - Rohm BA06CC0WT Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Technical Note
6/11
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BA□□DD0T Series,BA□□CC0T Series,BA□□CC0FP Series
BA□□DD0WT Series,BA□□DD0HFP Series,BA□□CC0WT Series,BA□□CC0WFP Series
Block Diagrams
BA□□CC0WFP/ BA□□DD0WHFP/ BA□□CC0WT/ BA□□DD0WT
Fig.25
PIN No. Pin Name
Function
1
CTL
Output voltage ON/OFF control
2
Vcc
Power supply voltage input
3
N.C/GND Unconnected terminal/GND*1
4
OUT
Voltage output
5
N.C
Unconnected terminal
Fin
GND
GND *2
*1 TO252-5=N.C.,TO220FP-5,HRP5=GND
*2 TO252-5,HRP5 only
BA□□CC0T/ BA□□CC0FP/ BA□□DD0T
Fig.26
PIN No. Pin Name
Function
1
Vcc
Power supply voltage input
2
N.C/GND Unconnected terminal/GND*1
3
OUT
Voltage output
Fin
GND
GND *2
*1 TO252-3=N.C.,TO-220FP3=GND
*2 TO252-3 only
Input / Output Equivalent Circuit Diagrams
< BA□□DD0 Series >
< BA□□CC0 Series >
Fig.27
Fig.28
1
2
3
4
5
Fin
Vcc
Driver
OVP
TSD
OCP
R2
R1
CTL
Vcc
N.C.
(TO252-5)
GND
(TO220FP-5,HRP5)
OUT
N.C.
Vref
GND(TO252-5・HRP5)
HRP5
1 2 3 4 5
TOP VIEW
FIN
TO252-5
1 2 3 4 5
1 2 3 45
TOP VIEW
TO220FP-5
TOP VIEW
TO220FP-3
2
3
TO252-3
1
FIN
2 3
1
TOP VIEW
(TO220FP-3)
1
2
3
Fin
Vcc
Driver
OVP
TSD
OCP
R2
R1
Vcc
N.C.
OUT
(TO252-3)
GND
Vref
GND(TO252-3)
Vcc
CTL
39kΩ
2kΩ
31kΩ
10kΩ
Vcc
OUT
R2
R1
Vcc
CTL
25kΩ
25kΩ
10kΩ
OUT
R2
R1
Vcc


Similar Part No. - BA06CC0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA06CC0WFP ROHM-BA06CC0WFP Datasheet
374Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA06CC0WFP-E2 ROHM-BA06CC0WFP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BA06CC0WFP-E2 ROHM-BA06CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA06CC0WFP-E2 ROHM-BA06CC0WFP-E2 Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Similar Description - BA06CC0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com