Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA110P50 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISLA110P50
Description  10-Bit, 500MSPS A/D Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA110P50 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISLA110P50_11 Datasheet HTML 4Page - Intersil Corporation ISLA110P50_11 Datasheet HTML 5Page - Intersil Corporation ISLA110P50_11 Datasheet HTML 6Page - Intersil Corporation ISLA110P50_11 Datasheet HTML 7Page - Intersil Corporation ISLA110P50_11 Datasheet HTML 8Page - Intersil Corporation ISLA110P50_11 Datasheet HTML 9Page - Intersil Corporation ISLA110P50_11 Datasheet HTML 10Page - Intersil Corporation ISLA110P50_11 Datasheet HTML 11Page - Intersil Corporation ISLA110P50_11 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ISLA110P50
8
FN7606.2
July 25, 2011
Input Current High (OUTMODE,
NAPSLP, OUTFMT) (Note 14)
IIH
15
25
40
µA
Input Current Low (OUTMODE,
NAPSLP, OUTFMT)
IIL
-4025-15
µA
Input Capacitance
CDI
3pF
LVDS INPUTS (ClkdivrstP, ClkdivrstN)
Input Common Mode Range
VICM
825
1575
mV
Input Differential Swing (peak to
peak, single ended)
VID
250
450
mV
Input Pull-up and Pull-down
Resistance
RIpu
1M
Ω
LVDS OUTPUTS
Differential Output Voltage
(Note 15)
VT
3mA Mode
620
mVP-P
Output Offset Voltage
VOS_LVDS
3mA Mode
950
965
980
mV
Output Rise Time
tR
625
ps
Output Fall Time
tF
625
ps
CMOS OUTPUTS
Voltage Output High
VOH
IOH = -500µA
OVDD - 0.3
OVDD - 0.1
V
Voltage Output Low
VOL
IOL = 1mA
0.1
0.3
V
Output Rise Time
tR
2ns
Output Fall Time
tF
2ns
Digital Specifications (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Timing Diagrams
FIGURE 3. LVDS TIMING DIAGRAM
FIGURE 4. CMOS TIMING DIAGRAM
INP
INN
CLKP
CLKN
CLKOUTP
CLKOUTN
tA
tCPD
tDC
tPD
DATA
N-L
LATENCY
= L CYCLES
SAMPLE N
DATA
N
DATA
N-L+1
DATA
N-L+2
D[9:0]P
D[9:0]N
INP
INN
CLKP
CLKN
tA
tCPD
tDC
tPD
LATENCY
= L CYCLES
SAMPLE N
CLKOUTP
CLKOUTN
DATA
N-L
DATA
N
DATA
N-L+1
DATA
N-L+2
D[9:0]P
D[9:0]N


Similar Part No. - ISLA110P50_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
logo
Renesas Technology Corp
ISLA110P50IRZ RENESAS-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
More results

Similar Description - ISLA110P50_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5510P-50 ETC2-KAD5510P-50 Datasheet
676Kb / 28P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5510P-50_0910 INTERSIL-KAD5510P-50_0910 Datasheet
818Kb / 29P
   10-Bit, 500MSPS A/D Converter
KAD5510P-50 INTERSIL-KAD5510P-50_09 Datasheet
633Kb / 27P
   10-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
KAD5510P-50 RENESAS-KAD5510P-50 Datasheet
1Mb / 30P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
   10-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA110P50 RENESAS-ISLA110P50 Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com