Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83084E Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL83084E
Description  짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83084E Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL83084E Datasheet HTML 4Page - Intersil Corporation ISL83084E Datasheet HTML 5Page - Intersil Corporation ISL83084E Datasheet HTML 6Page - Intersil Corporation ISL83084E Datasheet HTML 7Page - Intersil Corporation ISL83084E Datasheet HTML 8Page - Intersil Corporation ISL83084E Datasheet HTML 9Page - Intersil Corporation ISL83084E Datasheet HTML 10Page - Intersil Corporation ISL83084E Datasheet HTML 11Page - Intersil Corporation ISL83084E Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN6085.9
April 22, 2008
Time to Shutdown
tSHDN
(Notes 10, 13)
Full
60
160
600
ns
Receiver Enable from Shutdown to
Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 6),
(Notes 10, 12, 13)
Full
-
150
2000
ns
Receiver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6),
(Notes 10, 12, 13)
Full
-
150
2000
ns
RECEIVER SWITCHING CHARACTERISTICS (10Mbps Versions; ISL83086E, ISL83088E)
Maximum Data Rate
fMAX
(Figure 5) (Note 15)
Full
10
15
-
Mbps
Receiver Input to Output Delay
tPLH, tPHL (Figure 5)
Full
-
70
125
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 5)
Full
-
0
10
ns
Receiver Enable to Output Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6)
(Note 9)
Full
-
10
30
ns
Receiver Enable to Output High
tZH
RL = 1kΩ, CL = 15pF, SW = GND (Figure 6)
(Note 9)
Full
-
10
30
ns
Receiver Disable from Output Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6)
Full
-
10
30
ns
Receiver Disable from Output High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND (Figure 6)
Full
-
10
30
ns
Time to Shutdown
tSHDN
(Note 10)
Full
60
160
600
ns
Receiver Enable from Shutdown to
Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 6)
(Notes 10, 12)
Full
-
150
2000
ns
Receiver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6)
(Notes 10, 12)
Full
-
150
2000
ns
NOTES:
4. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
5. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
6. Supply current specification is valid for loaded drivers when DE = 0V.
7. Applies to peak current. See “Typical Performance Curves” beginning on page 12 for more information.
8. Keep RE = 0 to prevent the device from entering SHDN.
9. The RE signal high time must be short enough (typically <100ns) to prevent the device from entering SHDN.
10. Transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 60ns, the parts are guaranteed
not to enter shutdown. If the inputs are in this state for at least 600ns, the parts are guaranteed to have entered shutdown. See “Low Power
Shutdown Mode” on page 12.
11. Keep RE = VCC, and set the DE signal low time >600ns to ensure that the device enters SHDN.
12. Set the RE signal high time >600ns to ensure that the device enters SHDN.
13. Does not apply to the ISL83084E.
14. Tested according to TIA/EIA-485-A, section 4.2.6 (±75V for 15µs at a 1% duty cycle).
15. Limits established by characterization and are not production tested.
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = +25°C
(Note 5). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 4)
TYP
MAX
(Note 4)
UNITS
ISL83080E, ISL83082E, ISL83083E, ISL83084E, ISL83085E, ISL83086E, ISL83088E


Similar Part No. - ISL83084E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83084E INTERSIL-ISL83084E Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83084E RENESAS-ISL83084E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83084EIBZ INTERSIL-ISL83084EIBZ Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83084EIBZ RENESAS-ISL83084EIBZ Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83084E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com