Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1864 Datasheet(PDF) 2 Page - Rohm

Part # 2SD1864
Description  Power Transistor (50V, 3A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1864 Datasheet(HTML) 2 Page - Rohm

  2SD1864 Datasheet HTML 1Page - Rohm 2SD1864 Datasheet HTML 2Page - Rohm 2SD1864 Datasheet HTML 3Page - Rohm 2SD1864 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.04 - Rev.B
Data Sheet
2SD1864
Packaging specifications and hFE
Package
Taping
Code
Type
hFE
TV2
2500
2SD1864
QR
Basic ordering
unit (pieces)
hFE values are classified as follows:
Item
hFE
R
180 to 390
Q
120 to 270
Electrical characteristic curves
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propagation
characteristics
0
10
0.01
2
5
1
0.2
0.5
0.1
0.02
0.05
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
VCE =
3V
25
°C
−25°C
Ta = 100
°C
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.2 Grounded emitter output
characteristics (
Ι )
0
123
45
0
0.5
1.0
1.5
2.0
2.5
3.0
15mA
20mA
25mA
30mA
35mA
40mA
50mA
10mA
5mA
IB = 0mA
45mA
Ta = 25
°C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.3 Grounded-emitter output
characteristics(
ΙΙ )
0
102030
4050
0
0.5
1.0
1.5
2.0
2.5
3.0
Ta = 25
°C
50mA
45mA
40mA
35mA
30mA
25mA
15mA
10mA
PC = 15W
IB = 5mA
20mA
COLLECTOR CURRENT : IC
(A)
Fig.4 DC current gain vs.
collector current(
Ι )
0.01 0.02 0.05 0.1 0.2 0.5
1
2
5
1000
500
200
100
50
20
10
5
2
1
Ta = 25
°C
10
VCE = 5V
3V
COLLECTOR CURRENT : IC
(A)
Fig.5 DC current gain vs.
collector curren(
ΙΙ )
0.01 0.02 0.05 0.1 0.2
0.5
1
2
5
10
1000
500
200
100
50
20
10
5
2
1
VCE
= 3V
Ta = 100
°C
−25°C
25
°C
COLLECTOR CURRENT : IC
(A)
Fig.6 Collector-emitter saturation
voltage vs. collector current
0.010.02 0.05 0.1 0.2
0.5
1
2
5
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Ta = 25
°C
IC/IB = 50
20
10
COLLECTOR CURRENT : IC
(A)
Fig.7 Collector-emitter saturation
voltage vs. collector current
Base-emitter saturation voltage
vs. collector current
0.01 0.02 0.05 0.1 0.2 0.5
1
2
5
10
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
lC/lB = 10
VBE (sat)
VCE (sat)
Ta =
−25°C
100
°C
25
°C
25
°C
Ta = 100
°C
−25°C
EMITTER CURRENT :
−IE (mA)
Fig.8 Gain bandwidth product vs.
emitter current
1
2
5
10 20
50 100 200
5001000
1000
500
200
50
20
100
10
2
5
1
Ta = 25
°C
VCE
= 5V
COLLECTOR TO BASE VOLTAGE : VCB
(V)
Fig.9 Collector output capacitance
vs. collector-base voltage
0.1 0.2
0.5
1
2
5
10
20
50 100
100
200
500
1000
10
20
50
2
5
1
Ta = 25
°C
f = 1MHz
IE
= 0A


Similar Part No. - 2SD1864

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1864 ROHM-2SD1864 Datasheet
77Kb / 3P
   Power Transistor 50V, 3A
2SD1864 ROHM-2SD1864 Datasheet
153Kb / 4P
   Power Transistor (50V, 3A)
2SD1864 ROHM-2SD1864 Datasheet
81Kb / 3P
   Power Transistor (50V, 3A)
logo
Foshan Blue Rocket Elec...
2SD1864 FOSHAN-2SD1864 Datasheet
953Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
logo
Rohm
2SD1864 ROHM-2SD1864 Datasheet
176Kb / 4P
   Power Transistor (50V, 3A)
More results

Similar Description - 2SD1864

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
99Kb / 3P
   Power Transistor (-50V, -3A)
2SB1308 ROHM-2SB1308 Datasheet
61Kb / 3P
   Power Transistor (-50V, -3A)
2SD1760TLR ROHM-2SD1760TLR Datasheet
81Kb / 3P
   Power Transistor (50V, 3A)
2SA1797T100P ROHM-2SA1797T100P Datasheet
171Kb / 3P
   Power Transistor -50V, -3A
2SD1762 ROHM-2SD1762 Datasheet
153Kb / 4P
   Power Transistor (50V, 3A)
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
   Power Transistor (-50V, -3A)
logo
Rohm
2SD1760 ROHM-2SD1760 Datasheet
77Kb / 3P
   Power Transistor 50V, 3A
2SD1760 ROHM-2SD1760_09 Datasheet
176Kb / 4P
   Power Transistor (50V, 3A)
logo
Nanjing International G...
2SB1308 DGNJDZ-2SB1308 Datasheet
437Kb / 3P
   Power Transistor(-50V,-3A)
logo
Rohm
2SD1963 ROHM-2SD1963 Datasheet
60Kb / 3P
   Power transistor (50V, 3A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com