Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R0922501V9A Datasheet(PDF) 11 Page - Intersil Corporation

Part # 5962R0922501V9A
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R0922501V9A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button 5962R0922501V9A Datasheet HTML 7Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 8Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 9Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 10Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 11Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 12Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 13Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 14Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ISL70001SRH
11
FN6947.1
May 23, 2011
Power-Good
The power-good (PGOOD) pin is an open-drain logic output that
indicates when the output voltage of the regulator is within
regulation limits. The power-good pin pulls low during shutdown
and remains low when the controller is enabled. After a
successful soft-start, the PGOOD pin releases, and the voltage
rises with an external pull-up resistor. The power-good signal
transitions low immediately when the EN pin is pulled low.
The power-good circuitry monitors the FB pin and compares it to
the rising and falling thresholds shown in the “Electrical
Specifications” table on page 8. If the feedback voltage exceeds
the typical rising limit of 111% of the reference voltage, the
PGOOD pin pulls low. The PGOOD pin continues to pull low until
the feedback voltage falls to a typical of 107.5% of the reference
voltage. If the feedback voltage drops below a typical of 89% of
the reference voltage, the PGOOD pin pulls low. The PGOOD pin
continues to pull low until the feedback voltage rises to a typical
92.5% of the reference voltage. The PGOOD pin then releases
and signals the return of the output voltage to within the
power-good window.
The PGOOD pin can be pulled up to any voltage from 0V to 5.5V,
independently from the supply voltage. The pull-up resistor
should have a nominal value from 1k
Ω to 10kΩ. The PGOOD pin
should be bypassed to DGND, with a 10nF ceramic capacitor to
mitigate SEE.
Fault Monitoring and Protection
The ISL70001SRH actively monitors output voltage and current
to detect fault conditions. Fault conditions trigger protective
measures to prevent damage to the regulator and external load
device.
Undervoltage Protection
A hysteretic comparator monitors the FB pin of the regulator. The
feedback voltage is compared to an undervoltage threshold that
is a fixed percentage of the reference voltage. Once the
comparator trips, indicating a valid undervoltage condition, a
3-bit undervoltage counter increments. The counter is reset if the
feedback voltage rises back above the undervoltage threshold,
plus a specified amount of hysteresis outlined in the “Electrical
Specifications” table on page 8. If the 3-bit counter overflows, the
undervoltage protection logic shuts down the regulator.
After the regulator shuts down, it enters a delay interval
equivalent to the soft-start interval, which allows the device to
cool. The undervoltage counter is reset when the device enters
the delay interval. The protection logic initiates a normal
soft-start once the delay interval ends. If the output successfully
soft-starts, the power-good signal goes high, and normal
operation continues. If undervoltage conditions continue to exist
during the soft-start interval, the undervoltage counter must
overflow before the regulator shuts down again. This hiccup
mode continues indefinitely until the output soft-starts
successfully.
Overcurrent Protection
A pilot device integrated into the PMOS transistor of Power Block 4
samples current each cycle. This current feedback is scaled and
compared to an overcurrent threshold based on the number of
power blocks connected. Each additional power block connected
beyond Power Block 4 increases the overcurrent limit by 2A. For
example, if three power blocks are connected, the typical current
limit threshold would be 3 x 2A = 6A.
If the sampled current exceeds the overcurrent threshold, a 3-bit
overcurrent counter increments by one LSB. If the sampled current
falls below the threshold before the counter overflows, the counter
is reset. Once the overcurrent counter reaches 111, the regulator
shuts down.
After the regulator shuts down, it enters a delay interval,
equivalent to the soft-start interval, which allows the device to
cool. The overcurrent counter is reset when the device enters the
delay interval. The protection logic initiates a normal soft-start
once the delay interval ends. If the output successfully
soft-starts, the power-good signal goes high, and normal
operation continues. If overcurrent conditions continue to exist
during the soft-start interval, the overcurrent counter must
overflow before the regulator shut downs the output again. This
hiccup mode continues indefinitely until the output soft-starts
successfully.
Note: To prevent severe negative ringing that can disturb the
overcurrent counter, it is recommended that a Schottky diode of
appropriate rating be added from the LXx pins to the PGNDx pins.
Component Selection Guide
This design guide is intended to provide a high-level explanation
of the steps necessary to create a power converter. It is assumed
the reader is familiar with many of the basic skills and
techniques referenced below. In addition to this guide, Intersil
provides a complete evaluation board that includes schematic,
BOM, and an example PCB layout (see Ordering Information
table on page 2).
Output Filter Design
The output inductor and the output capacitor bank together form
a low-pass filter responsible for smoothing the pulsating voltage
FIGURE 6. SOFT-START CIRCUIT
-
+
VREF
FB
PWM
LOGIC
ISS
ERROR
AMPLIFIER
REF
CREF
VOUT
RT
RB
+
SS
CSS
VREF = 0.6V
ISS = 23µA
RD
RD = 2.2Ω


Similar Part No. - 5962R0922501V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R0922501V9A INTERSIL-5962R0922501V9A Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
More results

Similar Description - 5962R0922501V9A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com