Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R0922501VXC Datasheet(PDF) 7 Page - Intersil Corporation

Part # 5962R0922501VXC
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R0922501VXC Datasheet(HTML) 7 Page - Intersil Corporation

Back Button 5962R0922501VXC Datasheet HTML 3Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 4Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 5Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 6Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 7Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 8Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 9Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 10Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISL70001SRH
7
FN6947.1
May 23, 2011
Electrical Specifications Unless otherwise noted, VIN = AVDD = DVDD = PVINx = EN = M/S = 3V or 5.5V; GND = AGND = DGND =
PGNDx = TDI = TDO = ZAP = 0V; FB = 0.65V; PORSEL = VIN for 4.5V ≤ VIN ≤ 5.5V and GND for VIN < 4.5V, SYNC = LXx = Open Circuit; PGOOD is
pulled up to VIN with a 1k resistor; REF is bypassed to GND with a 220nF capacitor; SS is bypassed to GND with a 100nF capacitor; IOUT = 0A;
TA = TJ = +25°C. (Note 3)
PARAMETER
TEST CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNITS
POWER SUPPLY
Operating Supply Current
VIN = 5.5V
40
mA
VIN = 3.6V
25
mA
Shutdown Supply Current
VIN = 5.5V, EN = GND
6
mA
VIN = 3.6V, EN = GND
3
mA
OUTPUT VOLTAGE
Reference Voltage Tolerance
0.6
V
Output Voltage Tolerance
VOUT = 0.8V to 2.5V for VIN = 4.5V to 5.5V,
VOUT = 0.8V to 2.5V for VIN = 3V to 3.6V,
IOUT = 0A to 6A (Notes 5, 6)
0%
Feedback (FB) Input Leakage Current
VIN = 5.5V, VFB = 0.6V
0
µA
PWM CONTROL LOGIC
Oscillator Accuracy
1MHz
External Oscillator Range
1MHz
Minimum LXx On Time
VIN = 5.5V, Test Mode
110
ns
Minimum LXx Off Time
VIN = 5.5V, Test Mode
40
ns
Minimum LXx On Time
VIN = 3V, Test Mode
150
ns
Minimum LXx Off Time
VIN = 3V, Test Mode
50
ns
Master/Slave (M/S) Input Voltage
Input High Threshold
1.3
V
Input Low Threshold
1.2
V
Master/Slave (M/S) Input Leakage Current VIN = 5.5V, M/S = GND or VIN
0µA
Synchronization (SYNC) Input Voltage
Input High Threshold, M/S = GND
1.7
V
Input Low Threshold, M/S = GND
1.5
V
Synchronization (SYNC) Input Leakage
Current
VIN = 5.5V, M/S = GND, SYNC = GND or VIN
0µA
Synchronization (SYNC) Output Voltage
VIN - VOH @ IOH = -1mA
0.15
V
VOL@ IOL = 1mA
0.15
V
POWER BLOCKS
Upper Device rDS(ON)
VIN = 3V, 0.4A Per Power Block, Test Mode (Note 6)
215
m
Ω
Lower Device rDS(ON)
VIN = 3V, 0.4A Per Power Block, Test Mode (Note 6)
146
m
Ω
LXx Output Leakage
VIN = 5.5V, EN = LXx = GND, Single LXx Output
0
µA
VIN = 5.5V, EN = GND, LXx = VIN, Single LXx Output
0
µA
Deadtime
Within a Single Power Block or between Power
Blocks (Note 6)
5ns
Efficiency
VIN = 3.3V, VOUT = 1.8V, IOUT = 3A
90
%
VIN = 5V, VOUT = 2.5V, IOUT = 3A
92
%


Similar Part No. - 5962R0922501VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R0922501VXC INTERSIL-5962R0922501VXC Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
More results

Similar Description - 5962R0922501VXC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com