Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70001SRH Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL70001SRH
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001SRH Datasheet(HTML) 2 Page - Intersil Corporation

  ISL70001SRH_11 Datasheet HTML 1Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 2Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 3Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 4Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 5Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 6Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 7Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 8Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ISL70001SRH
2
FN6947.1
May 23, 2011
Functional Block Diagram
POWER-ON
RESET (POR)
PWM
REFERENCE
0.6V
SOFT
START
COMPENSATION
EA
GM
SLOPE
COMPENSATION
GATE
DRIVE
CURRENT
SENSE
LXx
PVINx
CONTROL
LOGIC
PWM
FB
UV
PGOOD
POWER-GOOD
PGNDx
SS
M/S
SYNC
PORSEL
REF
TDI
TDO
BIT
ZAP
TRIM
TRIM
Ordering Information
ORDERING NUMBER
PART NUMBER
(Note 2)
TEMP. RANGE
(°C)
PACKAGE
5962R0922501QXC
ISL70001SRHQF (Note 1)
-55 to +125
48 Ld CQFP (Pb-Free)
5962R0922501VXC
ISL70001SRHVF (Note 1)
-55 to +125
48 Ld CQFP (Pb-Free)
5962R0922501V9A
ISL70001SRHVX
-55 to +125
Die
ISL70001SRHF/PROTO
ISL70001SRHF/PROTO (Note 1)
-55 to +125
48 Ld CQFP (Pb-Free)
ISL70001SRHX/SAMPLE
ISL70001SRHX/SAMPLE
-55 to +125
Die
ISL70001SRHEVAL1Z
Evaluation Board
NOTE:
1. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations.
2. For Moisture Sensitivity Level (MSL), please see device information page for ISL70001SRH. For more information on MSL, please see Tech Brief
TB363.


Similar Part No. - ISL70001SRH_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SRHEVAL1Z INTERSIL-ISL70001SRHEVAL1Z Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70001SRHF INTERSIL-ISL70001SRHF Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70001SRHF/PROTO INTERSIL-ISL70001SRHF/PROTO Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70001SRHQF INTERSIL-ISL70001SRHQF Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70001SRHVF INTERSIL-ISL70001SRHVF Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
More results

Similar Description - ISL70001SRH_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com