Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59483 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL59483
Description  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59483 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL59483 Datasheet HTML 3Page - Intersil Corporation ISL59483 Datasheet HTML 4Page - Intersil Corporation ISL59483 Datasheet HTML 5Page - Intersil Corporation ISL59483 Datasheet HTML 6Page - Intersil Corporation ISL59483 Datasheet HTML 7Page - Intersil Corporation ISL59483 Datasheet HTML 8Page - Intersil Corporation ISL59483 Datasheet HTML 9Page - Intersil Corporation ISL59483 Datasheet HTML 10Page - Intersil Corporation ISL59483 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN6394.2
May 21, 2007
FIGURE 13. MUX1: CROSSTALK AND OFF ISOLATION
FIGURE 14. MUX 2: CROSSTALK AND OFF ISOLATION
FIGURE 15. MUX1: INPUT NOISE vs FREQUENCY
FIGURE 16. MUX2: INPUT NOISE vs FREQUENCY
FIGURE 17. MUX 1: PSRR vs FREQUENCY
FIGURE 18. MUX 2: PSRR vs FREQUENCY
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
0.1M
1M
10M
100M
1G
FREQUENCY (Hz)
OFF ISOLATION
INPUT X TO OUTPUT X
INPUT X TO OUTPUT Y
CROSSTALK
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
0.1M
1M
10M
100M
1G
FREQUENCY (Hz)
VIN = 0.796VP-P
CROSSTALK RL = 500Ω
INPUT X TO OUTPUT Y RL = 150Ω
OFF ISOLATION RL = 500Ω
INPUT X TO OUTPUT X RL = 150Ω
60
50
40
30
20
10
0
100
1k
10k
100k
FREQUENCY (Hz)
60
50
40
30
20
10
0
100
1k
10k
100k
FREQUENCY (Hz)
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0.1M
1M
10M
FREQUENCY (Hz)
PSRR (V-)
PSRR (V+)
-85
-80
-75
-70
-65
-60
-55
-50
0.1M
1M
10M
FREQUENCY (Hz)
VSOURCE = 0.5VP-P
PSRR (V+)
PSRR (V-)
ISL59483


Similar Part No. - ISL59483

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483EVAL1Z RENESAS-ISL59483EVAL1Z Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483IRZ INTERSIL-ISL59483IRZ Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483IRZ RENESAS-ISL59483IRZ Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

Similar Description - ISL59483

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com