Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54066IRUZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL54066IRUZ-T
Description  Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54066IRUZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54066IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6584.1
November 3, 2009
Pinouts (Note 1)
ISL54066
(10 LD TDFN)
TOP VIEW
ISL54066
(10 LD µTQFN)
TOP VIEW
NOTE:
1. Switches Shown for CTLx = Logic “0”. Logic “0”
≤0.5V. Logic “1”
≥1.4V with a 3V supply.
V+
IN1
GND1
OUT1
CTL1
GND3
IN2
GND2
OUT2
CTL2
1
2
3
4
5
10
9
8
7
6
10k
10k
200k
200k
200k
10k
CTL1
CTL2
OUT2
GND2
IN2
OUT1
GND1
IN1
V+
GND3
12
3
4
5
10
9
8
7
6
200k
10k
Truth Table
CTLx
INx/OUTx
0
OPEN
1CLOSED
NOTE:
Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.8V to +6.5V)
GND1
10k
Ω Input Shunt Ground
GND2
200k
Ω Output Shunt Ground
GND3
IC Ground Connection
CTLx
Digital Control Input
INx
Switch x Input
OUTx
Switch x Output
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL54066IRZ
(Note 3)
4066
-40 to +85
10 Ld 3x3 TDFN
L10.3x3A
ISL54066IRZ-T
(Notes 2, 3)
4066
-40 to +85
10 Ld 3x3 TDFN (Tape and Reel)
L10.3x3A
ISL54066IRUZ-T
(Notes 2, 4)
9
-40 to +85
10 Ld µTQFN (Tape and Reel)
L10.1.8x1.4A
NOTES:
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL54066


Similar Part No. - ISL54066IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54066IRUZ-T INTERSIL-ISL54066IRUZ-T Datasheet
389Kb / 14P
   1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch
logo
Renesas Technology Corp
ISL54066IRUZ-T RENESAS-ISL54066IRUZ-T Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
More results

Similar Description - ISL54066IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54066 RENESAS-ISL54066 Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com