Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1443 Datasheet(PDF) 2 Page - Rohm

Part # 2SB1443
Description  Power Transistor (??0V, ??A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1443 Datasheet(HTML) 2 Page - Rohm

  2SB1443 Datasheet HTML 1Page - Rohm 2SB1443 Datasheet HTML 2Page - Rohm 2SB1443 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB1443
Data Sheet
2/2
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.06 - Rev.B
0.01
0.1
1
10
100
1m
10m
100m
1
10
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.5 Safe Operating Area
Ta
=25°C
Single
nonrepetitive
pulse
IC Max (PULSE)
Electrical characteristics curves
010
67
8
9
45
23
1
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1 Grounded Emitter Output
Characteristics
2.0
0
1
1.2
1.4
1.6
1.8
200m
400m
600m
800m
Ta
=25°C
lB=10mA
9mA
8mA
7mA
6mA
5mA
4mA
3mA
2mA
1mA
Fig.2 Grounded Emitter Propagation
Characteristics
−0.2 −0.4 −0.6 −0.8 −1.0 −1.2 −1.4
0
BASE TO EMITTER VOLTAGE : VBE
(V)
−10
−5
−2
−1
−0.5
−0.2
−0.1
−0.05
−0.02
−0.01
−5m
−2m
−1m
VCE
=2V
-1m
-5m -0.02
-0.1
-0.5
-2 -5 -10
-2m -0.01
-0.05 -0.2
-1
5
10
20
50
100
200
500
1000
2000
5000
COLLECTOR CURRENT : IC (A)
Fig.3 DC Current Gain vs.
Collector Current
VCE
=2V
Ta
=100°C
Ta
=−40°C
Ta
=25°C
-1m
-5m -0.02
-0.1
-0.5
-2 -5 -10
-2m -0.01
-0.05 -0.2
-1
-0.01
-0.02
-0.05
-0.1
-0.2
-0.5
-1
COLLECTOR CURRENT : IC (A)
Fig.4 Collector-Emitter Saturation
Voltage vs. Collector Current
lC/lB
=20
Ta
=100°C
Ta
=−40°C
Ta
=25°C


Similar Part No. - 2SB1443

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1443 ROHM-2SB1443 Datasheet
118Kb / 3P
   Power Transistor (-50V, -2A)
logo
Guangdong Kexin Industr...
2SB1443 KEXIN-2SB1443 Datasheet
50Kb / 1P
   Power Transistor
More results

Similar Description - 2SB1443

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1427T100E ROHM-2SB1427T100E Datasheet
57Kb / 3P
   Power transistor (??0V, ??A)
2SB1260T100Q ROHM-2SB1260T100Q Datasheet
92Kb / 3P
   Power Transistor (??0V, ??A)
2SB1181TLQ ROHM-2SB1181TLQ Datasheet
92Kb / 3P
   Power Transistor (??0V, ??A)
2SB1260T100R ROHM-2SB1260T100R Datasheet
92Kb / 3P
   Power Transistor (??0V, ??A)
2SA1797T100Q ROHM-2SA1797T100Q Datasheet
171Kb / 3P
   Power Transistor (??0V, ??A)
logo
Littelfuse
2SB1412TLR LITTELFUSE-2SB1412TLR Datasheet
135Kb / 4P
   Low frequency transistor (??0V,??A)
logo
Rohm
2SB1386T100R ROHM-2SB1386T100R Datasheet
135Kb / 4P
   Low frequency transistor (??0V,??A)
2SB1386T100Q ROHM-2SB1386T100Q Datasheet
135Kb / 4P
   Low frequency transistor (??0V,??A)
2SB1424T100R ROHM-2SB1424T100R Datasheet
72Kb / 4P
   Low VCE(sat) Transistor (??0V, ??A)
2SB1424T100Q ROHM-2SB1424T100Q Datasheet
72Kb / 4P
   Low VCE(sat) Transistor (??0V, ??A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com