Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GL6EG26T Datasheet(PDF) 2 Page - Sharp Electrionic Components

Part No. GL6EG26T
Description  5.8zX4.6mm, Oval Type(with Tie-bar), Colored/Colorless Transparency, Wide Viewing Angle LED Lamps for Outdoor Use
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GL6EG26T Datasheet(HTML) 2 Page - Sharp Electrionic Components

  GL6EG26T Datasheet HTML 1Page - Sharp Electrionic Components GL6EG26T Datasheet HTML 2Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
120
(Notice)
¡ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet)
¡ Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
LED Lamp Characteristics Diagrams
EG series
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
Note)Characteristics shown in diagrams are typical values. (not assurance value)
KG series
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
Note)Characteristics shown in diagrams are typical values. (not assurance value)


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LT9600CU6.8 X 7.6mm Oval Type Flangeless Colorless Transparency High-luminosity Wide Viewing Angle Dichromatic Large LED Lamp for Outdoor Use 1 2 3 Sharp Electrionic Components
GL6UR26T5.8X4.6mm Oval Type Colored/Colorless Transparency High-luminosity LED Lamps for Outdoor Use 1 2 3 Sharp Electrionic Components
GL5UR44ø5mm T-1 3/4 Cylinder Type Colorless Transparency High-luminosity LED Lamps for Outdoor Use 1 2 3 Sharp Electrionic Components
GL5PR4ø5mm T-1 3/4 Cylinder Type Colored Diffusion LED Lamps for Wide Viewing Angle Indicator 1 2 3 4 Sharp Electrionic Components
GL5UR2Kø5mm T-1 3/4 Cylinder Type Colored Transparency High-luminosity LED Lamps for Outdoor Use 1 2 Sharp Electrionic Components
LT9560Uø10mm Cylinder Type Colorless Transparency High-luminosity Large LED lamps for Outdoor Use 1 2 3 4 5 MoreSharp Electrionic Components
GL5UR2K1ø5mm T-1 3/4 Cylinder Type Colorless Transparency High-luminosity LED Lamps for Outdoor Use 1 2 3 Sharp Electrionic Components
GL5UR8ø5mm T-1 3/4 Cylinder Type Colored Diffusion High-luminosity LED Lamps for Outdoor Use 1 2 3 Sharp Electrionic Components
GL3UR44ø3mmT-1 Cylinder Type Colorless Transparency High-luminosity LED Lamps for Backlight/Indicator 1 2 Sharp Electrionic Components
GL6UR31ø5mm T-1 3/4 Cylinder Type Flangeless Colorless Transparency High-luminosity LED Lamp for Outdoor Use 1 2 Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn