Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28268SOICEVAL1Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL28268SOICEVAL1Z
Description  Low Input Bias Current Op Amps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28268SOICEVAL1Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL28268SOICEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL28268SOICEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL28268SOICEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL28268SOICEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL28268SOICEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL28268SOICEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28268SOICEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28268SOICEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28268SOICEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
FN6378.4
July 25, 2011
Ordering Information
PART NUMBER
(Notes 3, 4)
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL28168FHZ-T7 (Note 1)
GACA (Note 5)
6 Ld SOT-23
P6.064A
ISL28168FHZ-T7A (Note 1)
GACA (Note 5)
6 Ld SOT-23
P6.064A
ISL28268FBZ (Note 2)
28268 FBZ
8 Ld SOIC
M8.15E
ISL28268FUZ (Note 2)
8268Z
8 Ld MSOP
M8.118A
ISL28168EVAL1Z
Evaluation Board - 6 Ld SOT-23
ISL28268SOICEVAL1Z
Evaluation Board - 8 Ld SOIC
ISL28268MSOPEVAL1Z
Evaluation Board - 8 Ld MSOP
1. Please refer to TB347 for details on reel specifications.
2. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL28168, ISL28268. For more information on MSL please see
techbrief TB363.
5. The part marking is located on the bottom of the part.
ISL28168, ISL28268


Similar Part No. - ISL28268SOICEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28268SOICEVAL1Z RENESAS-ISL28268SOICEVAL1Z Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
More results

Similar Description - ISL28268SOICEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
logo
Microchip Technology
MCP6481 MICROCHIP-MCP6481 Datasheet
1Mb / 50P
   4 MHz, Low-Input Bias Current Op Amps
Revision C June 2013
MCP6471 MICROCHIP-MCP6471 Datasheet
1Mb / 50P
   2 MHz, Low-Input Bias Current Op Amps
2012-2013
MCP6491 MICROCHIP-MCP6491 Datasheet
1Mb / 50P
   7.5 MHz, Low-Input Bias Current Op Amps
2012-2013
logo
Texas Instruments
OPA192 TI1-OPA192_15 Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387 Datasheet
1Mb / 20P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387 TI-TLV387_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com