Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28146EVAL1Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL28146EVAL1Z
Description  5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28146EVAL1Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28146EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL28146EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL28146EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL28146EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL28146EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL28146EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28146EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28146EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28146EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN6321.3
June 23, 2008
FIGURE 7. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
FIGURE 8. GAIN vs FREQUENCY vs CL
FIGURE 9. CMRR vs FREQUENCY, V+ = 2.4V and 5V
FIGURE 10. PSRR vs FREQUENCY, V+, V- = ±1.2V
FIGURE 11. PSRR vs FREQUENCY, V, V+, V- = ±2.5V
FIGURE 12. INPUT VOLTAGE NOISE DENSITY vs FREQUENCY
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open (Continued)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10k
100k
1M
10M
100M
FREQUENCY (Hz)
RL = 10k
AV = +1
VOUT = 10mVP-P
CL = 16.3pF
V+ = 5V
V+ = 2.4V
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
CL = 51.7pF
CL = 43.7pF
CL = 37.7pF
CL = 26.7pF
CL = 16.7pF
CL = 4.7pF
10k
100k
1M
10M
100M
FREQUENCY (Hz)
V+ = 5V
RL = 1k
AV = +1
VOUT = 10mVP-P
-100
-80
-60
-40
-20
0
20
V+ = 2.4V, 5V
RL = 1k
AV = +1
VCM = 1VP-P
CL = 16.3pF
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10
-120
-100
-80
-60
-40
-20
0
20
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10
PSRR-
PSRR+
V+, V- = ±1.2V
RL = 1k
AV = +1
VSOURCE = 1VP-P
CL = 16.3pF
PSRR-
PSRR+
V+, V- = ±2.5V
RL = 1k
AV = +1
VSOURCE = 1VP-P
CL = 16.3pF
-120
-100
-80
-60
-40
-20
0
20
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10
10
100
1
10
100
1k
10k
100k
FREQUENCY (Hz)
V+ = 5V
RL = 1k
AV = +1
CL = 16.3pF
ISL28146, ISL28246


Similar Part No. - ISL28146EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146FHZ-T7 INTERSIL-ISL28146FHZ-T7 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146FHZ-T7A INTERSIL-ISL28146FHZ-T7A Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results

Similar Description - ISL28146EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com