Electronic Components Datasheet Search |
|
ISL28207FBZ-T13 Datasheet(PDF) 7 Page - Intersil Corporation |
|
ISL28207FBZ-T13 Datasheet(HTML) 7 Page - Intersil Corporation |
7 / 32 page 7 FN6631.3 September 9, 2010 TCIB Input Bias Current Drift TA = -40°C to +85°C -0.9 0.19 0.9 pA/ °C TA = -40°C to +125°C -3.5 0.26 3.5 pA/ °C IOS Input Offset Current TA = -40°C to +85°C -300 15 300 pA TA = -40°C to +125°C -600 600 pA TCIOS Input Offset Current Drift TA = -40°C to +85°C -0.9 0.19 0.9 pA/ °C TA = -40°C to +125°C -3.5 0.26 3.5 pA/ °C VCM Input Voltage Range Guaranteed by CMRR test -13 13 V CMRR Common-Mode Rejection Ratio VCM = -13V to +13V 115 145 dB PSRR Power Supply Rejection Ratio VS = ±2.25V to ±20V 115 145 dB AVOL Open-Loop Gain VO = -13V to +13V, RL = 10kΩ to ground 3,000 40,000 V/mV VOH Output Voltage High RL = 10kΩ to ground 13.5 13.7 V 13.2 V RL = 2kΩ to ground 13.3 13.55 V 13.1 V VOL Output Voltage Low RL = 10kΩ to ground -13.7 -13.5 V -13.2 V RL = 2kΩ to ground -13.55 -13.3 V -13.1 V IS Supply Current/Amplifier RL = Open 0.21 0.29 mA 0.35 mA ISC Output Short-Circuit Current (Note 9) ±40 mA VSUPPLY Supply Voltage Range Guaranteed by PSRR ±2.25 ±20 V AC SPECIFICATIONS GBW Gain Bandwidth Product 1 MHz enp-p Voltage Noise 0.1Hz to 10Hz, VS = ±19V 340 nVP-P en Voltage Noise Density f = 10Hz, VS = ±19V 14 nV/√Hz en Voltage Noise Density f = 100Hz, VS = ±19V 13 nV/√Hz en Voltage Noise Density f = 1kHz, VS = ±19V 13 nV/√Hz en Voltage Noise Density f = 10kHz, VS = ±19V 13 nV/√Hz in Current Noise Density f = 10kHz, VS = ±19V 53 fA/√Hz THD + N Total Harmonic Distortion + Noise 1kHz, G = 1, VO = 3.5VRMS, RL = 2kΩ 0.0035 % TRANSIENT RESPONSE SR Slew Rate AV = 10, RL = 10kΩ, VO = 10VP-P ±0.32 V/µs tr, tf, Small Signal Rise Time 10% to 90% of VOUT AV = 1, VOUT = 100mVP-P, Rf = 0Ω, RL =2kΩ to VCM 355 ns Fall Time 90% to 10% of VOUT AV = 1, VOUT = 100mVP-P, Rf = 0Ω, RL = 2kΩ to VCM 365 ns Electrical Specifications VS ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data established by characterization. (Continued) PARAMETER DESCRIPTION CONDITIONS MIN (Note 8) TYP MAX (Note 8) UNIT ISL28107, ISL28207, ISL28407 |
Similar Part No. - ISL28207FBZ-T13 |
|
Similar Description - ISL28207FBZ-T13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |