Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28133 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL28133
Description  Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28133 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28133_11 Datasheet HTML 6Page - Intersil Corporation ISL28133_11 Datasheet HTML 7Page - Intersil Corporation ISL28133_11 Datasheet HTML 8Page - Intersil Corporation ISL28133_11 Datasheet HTML 9Page - Intersil Corporation ISL28133_11 Datasheet HTML 10Page - Intersil Corporation ISL28133_11 Datasheet HTML 11Page - Intersil Corporation ISL28133_11 Datasheet HTML 12Page - Intersil Corporation ISL28133_11 Datasheet HTML 13Page - Intersil Corporation ISL28133_11 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ISL28133
10
FN6560.5
July 22, 2011
n
FIGURE 29. PSRR vs TEMPERATURE, V+ = 2V TO 5.5V
FIGURE 30. LARGE SIGNAL STEP RESPONSE (4V)
FIGURE 31. LARGE SIGNAL STEP RESPONSE (1V)
FIGURE 32. SMALL SIGNAL STEP RESPONSE (100mV)
FIGURE 33. VOUT HIGH vs TEMPERATURE, RL = 10k, VS +-2.5V
FIGURE 34. VOUT LOW vs TEMPERATURE, RL = 10k, VS +-2.5V
Typical Performance Curves V+ = 5V, V- = 0V, V
CM = 2.5V, RL = Open. (Continued)
75
85
95
105
115
125
135
145
155
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
N = 67
TIME (µs)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
V+ = 5V
RL = 100k
AV = 1
CL = 3.7pF
VOUT = 4VP-P
TIME (µs)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
1020
304050
60
70
80
90 100
V+ = 5V
RL = 100k
AV = 1
CL = 3.7pF
VOUT = 1VP-P
TIME (µs)
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0
5
10
15
20
25
30
35
40
V+ = 5V
RL = 100k
AV = 1
CL = 3.7pF
VOUT = 100mVP-P
4.972
4.974
4.976
4.978
4.980
4.982
4.984
4.986
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
N = 67
0.016
0.017
0.018
0.019
0.020
0.021
0.022
0.023
0.024
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
N = 67


Similar Part No. - ISL28133_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28133CSENSEV1Z RENESAS-ISL28133CSENSEV1Z Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133EVAL1Z INTERSIL-ISL28133EVAL1Z Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133EVAL1Z RENESAS-ISL28133EVAL1Z Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133FEZ-T7 INTERSIL-ISL28133FEZ-T7 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28133FEZ-T7 INTERSIL-ISL28133FEZ-T7 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
More results

Similar Description - ISL28133_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233 INTERSIL-ISL28233_11 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233 RENESAS-ISL28233 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com