Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28107_1009 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL28107_1009
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107_1009 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL28107_1009 Datasheet HTML 4Page - Intersil Corporation ISL28107_1009 Datasheet HTML 5Page - Intersil Corporation ISL28107_1009 Datasheet HTML 6Page - Intersil Corporation ISL28107_1009 Datasheet HTML 7Page - Intersil Corporation ISL28107_1009 Datasheet HTML 8Page - Intersil Corporation ISL28107_1009 Datasheet HTML 9Page - Intersil Corporation ISL28107_1009 Datasheet HTML 10Page - Intersil Corporation ISL28107_1009 Datasheet HTML 11Page - Intersil Corporation ISL28107_1009 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
FN6631.3
September 9, 2010
ts
Settling Time to 0.1%
10V Step; 10% to VOUT
AV = -1 VOUT = 10VP-P, Rg = Rf =10k,
RL =2kΩ to VCM
29
µs
Settling Time to 0.01%
10V Step; 10% to VOUT
AV = -1, VOUT = 10VP-P, Rg = Rf =10k,
RL =2kΩ to VCM
31.2
µs
tOL
Output Overload Recovery
Time
AV = 100, VIN = 0.2V, RL = 2kΩ to VCM
6µs
Electrical Specifications VS ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits
apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNIT
Electrical Specifications VS ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply
over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNIT
VOS
Offset Voltage Magnitude;
SOIC Package
-75
5
75
µV
-140
140
µV
Offset Voltage Magnitude;
MSOP Package
-100
5
100
µV
-180
180
µV
Offset Voltage Magnitude;
TDFN Package
ISL28107
-100
10
100
µV
-190
190
µV
ISL28207
-100
10
100
µV
-175
175
µV
TCVOS
Offset Voltage Drift; SOIC
Package
-0.65
0.1
0.65
µV/°C
Offset Voltage Drift; MSOP
Package
-0.85
0.1
0.85
µV/°C
Offset Voltage Drift; TDFN
Package
ISL28107
-0.9
0.1
0.9
µV/°C
ISL28207
-0.75
0.1
0.75
µV/°C
IB
Input Bias Current
TA = -40°C to +85°C
-300
15
300
pA
TA = -40°C to +125°C
-600
600
pA
TCIB
Input Bias Current Drift
TA = -40°C to +85°C
-0.9
0.19
0.9
pA/°C
TA = -40°C to +125°C
-3.5
0.26
3.5
pA/°C
IOS
Input Offset Current
TA = -40°C to +85°C
-300
15
300
pA
TA = -40°C to +125°C
-600
600
pA
TCIOS
Input Offset Current Drift
TA = -40°C to +85°C
-0.9
0.19
0.9
pA/°C
TA = -40°C to +125°C
-3.5
0.26
3.5
pA/°C
VCM
Common Mode Input Voltage
Range
Guaranteed by CMRR test
-3
3
V
CMRR
Common-Mode Rejection
Ratio
VCM = -3V to +3V
115
145
dB
PSRR
Power Supply Rejection Ratio VS = ±2.25V to ±5V
115
145
dB
AVOL
Open-Loop Gain
VO = -3V to +3V, RL = 10kΩ to ground
3,000
40,000
V/mV
ISL28107, ISL28207, ISL28407


Similar Part No. - ISL28107_1009

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Similar Description - ISL28107_1009

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com