Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL28005 Datasheet(PDF) 14 Page - Intersil Corporation

Part No. ISL28005
Description  Micropower, Rail-to-Rail Input Current Sense Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL28005 Datasheet(HTML) 14 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ISL28005
14
FN6973.4
July 1, 2011
Package Outline Drawing
P5.064A
5 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
Rev 0, 2/10
Dimension is exclusive of mold flash, protrusions or gate burrs.
This dimension is measured at Datum “H”.
Package conforms to JEDEC MO-178AA.
Foot length is measured at reference to guage plane.
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5M-1994.
6.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
INDEX AREA
PIN 1
SEATING PLANE
GAUGE
0.45±0.1
(2 PLCS)
10° TYP
4
1.90
0.40 ±0.05
2.90
0.95
1.60
2.80
0.05-0.15
1.14 ±0.15
0.20
C A-B D
M
(1.20)
(0.60)
(0.95)
(2.40)
0.10 C
0.08-0.20
SEE DETAIL X
1.45 MAX
(0.60)
0-3°
C
B
A
D
3
3
3
0.20 C
(1.90)
2x
0.15 C
2x
D
0.15 C
2x
A-B
(0.25)
H
5
2
4
5
5
END VIEW
PLANE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn