Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL23315TFRUZ-TK Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL23315TFRUZ-TK
Description  Single, Low Voltage Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315TFRUZ-TK Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL23315TFRUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL23315TFRUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL23315TFRUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL23315TFRUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL23315TFRUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL23315TFRUZ-TK Datasheet HTML 9Page - Intersil Corporation ISL23315TFRUZ-TK Datasheet HTML 10Page - Intersil Corporation ISL23315TFRUZ-TK Datasheet HTML 11Page - Intersil Corporation ISL23315TFRUZ-TK Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL23315
8
FN7778.1
August 15, 2011
tHD:STA
START Condition Hold Time
From SDA falling edge
crossing 30% of VLOGIC to SCL
falling edge crossing 70% of
VLOGIC
600
ns
tSU:DAT
Input Data Set-up Time
From SDA exiting the 30% to
70% of VLOGIC window, to SCL
rising edge crossing 30% of
VLOGIC
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing
70% of VCC to SDA entering
the 30% to 70% of VCC window
0ns
tSU:STO
STOP Condition Set-up Time
From SCL rising edge crossing
70% of VLOGIC, to SDA rising
edge crossing 30% of VLOGIC
600
ns
tHD:STO
STOP Condition Hold Time for Read
or Write
From SDA rising edge to SCL
falling edge; both crossing
70% of VCC (Note 11)
1300
ns
tDH
Output Data Hold Time
From SCL falling edge crossing
30% of VLOGIC, until SDA
enters the 30% to 70% of
VLOGIC window.
IOL =3mA, VLOGIC > 2V.
IOL = 0.5mA, VLOGIC < 2V
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VLOGIC
20 + 0.1 x Cb
250
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VLOGIC
20 + 0.1 x Cb
250
ns
Cb
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
(Note 11)
10
400
pF
tSU:A
A1, A0 Setup Time
Before START condition
600
ns
tHD:A
A1, A0 Hold Time
After STOP condition
600
ns
NOTES:
8. Typical values are for TA = +25°C and 3.3V supply voltages.
9. LSB = [V(RW)255 – V(RW)0]/255. V(RW)255 and V(RW)0 are V(RW) for the DCP register set to FF hex and 00 hex respectively. LSB is the incremental
voltage when changing from one tap to an adjacent tap.
10. ZS error = V(RW)0/LSB.
11. FS error = [V(RW)255 – VCC]/LSB.
12. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 255. i is the DCP register setting.
13. INL = [V(RW)i – i • LSB – V(RW)0]/LSB for i = 1 to 255
14.
for i = 16 to 255 decimal, T = -40°C to +125°C. Max( ) is the maximum value of the wiper
voltage and Min( ) is the minimum value of the wiper voltage over the temperature range.
15. MI =
|RW255 – RW0|/255. MI is a minimum increment. RW255 and RW0 are the measured resistances for the DCP register set to FF hex and 00
hex respectively.
16. Roffset = RW0/MI, when measuring between RW and RL.
Roffset = RW255/MI, when measuring between RW and RH.
17. RDNL = (RWi – RWi-1)/MI -1, for i = 16 to 255.
18. RINL = [RWi – (MI • i) – RW0]/MI, for i = 16 to 255.
19.
for i = 16 to 255, T = -40°C to +125°C. Max( ) is the maximum value of the resistance and Min( ) is the
minimum value of the resistance over the temperature range.
20. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
21. It is preferable to ramp up both the VLOGIC and the VCC supplies at the same time. If this is not possible it is recommended to ramp-up the VLOGIC
first followed by the VCC.
Serial Interface Specification for SCL, SDA, A0, A1 Unless Otherwise Noted. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
TCV
Max V RW
()
i
() Min V RW
()
i
()
VRWi +25°C
()
()
------------------------------------------------------------------------------
106
+165°C
---------------------
×
=
TCR
Max Ri
() Min Ri
()
[]
Ri +25°C
()
-------------------------------------------------------
10
6
+165°C
---------------------
×
=


Similar Part No. - ISL23315TFRUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23315TFRUZ-TK INTERSIL-ISL23315TFRUZ-TK Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFRUZ-TK INTERSIL-ISL23315TFRUZ-TK Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315TFRUZ-TK RENESAS-ISL23315TFRUZ-TK Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23315TFRUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23415TFUZ INTERSIL-ISL23415TFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com