Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22346WFRT20Z Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL22346WFRT20Z
Description  Quad Digitally Controlled Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22346WFRT20Z Datasheet(HTML) 2 Page - Intersil Corporation

  ISL22346WFRT20Z Datasheet HTML 1Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 2Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 3Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 4Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 5Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 6Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 7Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 8Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN6177.2
September 3, 2009
Block Diagram
Ordering Information
PART NUMBER
(Note)
PART
MARKING
RESISTANCE OPTION
(k
Ω)
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL22346UFV20Z*
22346 UFVZ
50
-40 to +125
20 Ld TSSOP
M20.173
ISL22346UFRT20Z*
223 46UFZ
50
-40 to +125
20 Ld 4x4 TQFN
L20.4x4A
ISL22346WFV20Z*
22346 WFVZ
10
-40 to +125
20 Ld TSSOP
M20.173
ISL22346WFRT20Z*
223 46WFZ
10
-40 to +125
20 Ld 4x4 TQFN
L20.4x4A
*Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
I2C
INTERFACE
VCC
RH0
RH1
RH2
RH3
GND
RL0
RL1
RL2
RL3
RW0
RW1
RW2
RW3
SCL
SDA
A0
A1
A2
WR3
WR2
WR1
WR0
SHDN
POWER-UP
INTERFACE,
CONTROL
AND STATUS
LOGIC
NON-
VOLATILE
REGISTERS
Pin Descriptions
TSSOP PIN
NUMBER
TQFN PIN
NUMBER
PIN NAME
DESCRIPTION
1
3
RH3
“High” terminal of DCP3
2
4
RL3
“Low” terminal of DCP3
3
5
RW3
“Wiper” terminal of DCP3
4
6
A2
Device address input for the I2C interface
5
7
SCL
Open drain I2C interface clock input
6
8
SDA
Open drain Serial data I/O for the I2C interface
7
9
GND
Device ground pin
8
10
RW2
“Wiper” terminal of DCP2
9
11
RL2
“Low” terminal of DCP2
10
12
RH2
“High” terminal of DCP2
11
13
RW1
“Wiper” terminal of DCP1
12
14
RL1
“Low” terminal of DCP1
13
15
RH1
“High” terminal of DCP1
14
16
A0
Device address input for the I2C interface
ISL22346


Similar Part No. - ISL22346WFRT20Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346WFRT20Z INTERSIL-ISL22346WFRT20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WFRT20Z INTERSIL-ISL22346WFRT20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
logo
Renesas Technology Corp
ISL22346WFRT20Z RENESAS-ISL22346WFRT20Z Datasheet
954Kb / 16P
   Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

Similar Description - ISL22346WFRT20Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com