Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22349 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL22349
Description  Quad Digitally Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22349 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL22349_09 Datasheet HTML 1Page - Intersil Corporation ISL22349_09 Datasheet HTML 2Page - Intersil Corporation ISL22349_09 Datasheet HTML 3Page - Intersil Corporation ISL22349_09 Datasheet HTML 4Page - Intersil Corporation ISL22349_09 Datasheet HTML 5Page - Intersil Corporation ISL22349_09 Datasheet HTML 6Page - Intersil Corporation ISL22349_09 Datasheet HTML 7Page - Intersil Corporation ISL22349_09 Datasheet HTML 8Page - Intersil Corporation ISL22349_09 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6331.3
May 28, 2009
SERIAL INTERFACE SPECS
VIL
A2, A1, A0, SHDN, SDA, and SCL
Input Buffer LOW Voltage
-0.3
0.3*VCC
V
VIH
A2, A1, A0, SHDN, SDA, and SCL
Input Buffer HIGH Voltage
0.7*VCC
VCC + 0.3
V
Hysteresis
SDA and SCL Input Buffer Hysteresis
0.05*
VCC
V
VOL
SDA Output Buffer LOW Voltage,
Sinking 4mA
00.4
V
Cpin
(Note 11)
A2, A1, A0, SHDN, SDA, and SCL Pin
Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tsp
Pulse Width Suppression Time at SDA
and SCL Inputs
Any pulse narrower than the max spec is
suppressed
50
ns
tAA
SCL Falling Edge to SDA Output Data
Valid
SCL falling edge crossing 30% of VCC, until
SDA exits the 30% to 70% of VCC window
900
ns
tBUF
Time the Bus Must be Free Before the
Start of a New Transmission
SDA crossing 70% of VCC during a STOP
condition, to SDA crossing 70% of VCC
during the following START condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VCC crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VCC crossing
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge; both
crossing 70% of VCC
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of VCC
to SCL falling edge crossing 70% of VCC
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of VCC
window, to SCL rising edge crossing 30% of
VCC
100
ns
tHD:DAT
Input Data Hold Time
From SCL rising edge crossing 70% of VCC
to SDA entering the 30% to 70% of VCC
window
0ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of VCC,
to SDA rising edge crossing 30% of VCC
600
ns
tHD:STO
STOP Condition Hold Time for Read,
or Volatile Only Write
From SDA rising edge to SCL falling edge;
both crossing 70% of VCC
1300
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30% of VCC,
until SDA enters the 30% to 70% of VCC
window
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VCC
20 +
0.1*Cb
250
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VCC
20 +
0.1*Cb
250
ns
Cb
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
Rpu
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF
For Cb = 400pF, max is about 2~2.5k
Ω
For Cb = 40pF, max is about 15~20k
Ω
1k
Ω
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 13)
TYP
(Note 3)
MAX
(Note 13)
UNIT
ISL22349


Similar Part No. - ISL22349_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22349UFV14Z INTERSIL-ISL22349UFV14Z Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
ISL22349UFV14Z RENESAS-ISL22349UFV14Z Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
logo
Intersil Corporation
ISL22349WFV14Z INTERSIL-ISL22349WFV14Z Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
ISL22349WFV14Z RENESAS-ISL22349WFV14Z Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
More results

Similar Description - ISL22349_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com