Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21440 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL21440
Description  Micropower Voltage Reference with Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21440 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL21440_11 Datasheet HTML 7Page - Intersil Corporation ISL21440_11 Datasheet HTML 8Page - Intersil Corporation ISL21440_11 Datasheet HTML 9Page - Intersil Corporation ISL21440_11 Datasheet HTML 10Page - Intersil Corporation ISL21440_11 Datasheet HTML 11Page - Intersil Corporation ISL21440_11 Datasheet HTML 12Page - Intersil Corporation ISL21440_11 Datasheet HTML 13Page - Intersil Corporation ISL21440_11 Datasheet HTML 14Page - Intersil Corporation ISL21440_11 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ISL21440
11
FN6532.2
February 23, 2011
Functional Description
Device Power
The ISL21440 device has a single positive supply pin, V+, and
two other supply pins, V- and GND. Normally for single supply
applications the V- pin is tied to system ground as well as the
GND pin. The separate ground pin allows the comparator to be
powered by split supplies from ±1.0V to ±5.5V. Note that the
minimum supply voltage will be 0.8V above the comparator
maximum input level for accurate operation.
Comparator Section
The comparator inputs can swing from the negative supply (GND
pin) to within 0.8V of the positive supply (V+). Alternatively, with
the comparator input set at the 1.182V reference level, the
minimum input voltage for accurate operation is 2.0V. If the
inputs are expected to see voltage levels above V+ or below
ground, they should be clamped with low leakage Schottky
diodes.
The CMOS output swings essentially from the GND potential to
V+ potential, depending on load current. If loads in excess of
1mA are expected, then a 0.1µF decoupling capacitor at the V+
pin should be added.
Voltage Reference Section
The voltage reference is a micropower FGA reference and is set
to 1.182V ±0.5% at the factory. The reference output can source
up to 2mA but the sink capability is very limited at only 10µA,
maximum. Small value capacitors, up to 10nF, can be used on
the reference output to lower noise if desired.
Applications Information
Handling and Board Mounting
FGA references provide excellent initial accuracy and low
temperature drift at the expense of very little power drain. There
are some precautions to take to insure this accuracy is not
compromised. Excessive heat during solder reflow can cause
excessive initial accuracy drift, so the recommended +260°C
max temperature profile should not be exceeded. Expect up to
1mV drift from the solder reflow process.
FGA references are susceptible to excessive X-radiation like that
used in PC board manufacturing. Initial accuracy can change
FIGURE 23. OUTPUT RESPONSE TIME vs INPUT OVERDRIVE
(tPLH)
FIGURE 24. POWER-UP/DOWN OUTPUT RESPONSE
(V+ = 5V, IN+ = V+, IN- = VREF)
FIGURE 25. POWER-UP/DOWN OUTPUT RESPONSE (V+ = 3V, IN+ = V+, IN- = VREF)
Typical Performance Curves (Continued)
20
45
70
95
120
145
170
195
220
245
270
10
20
30
40
50
60
70
80
90
100 110 120
INPUT VOLTAGE (mV)
3V
5V
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TIME (ms)
V+
OUT
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V+
OUT
TIME (ms)


Similar Part No. - ISL21440_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21440IRTZ INTERSIL-ISL21440IRTZ Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440IRTZ RENESAS-ISL21440IRTZ Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440IRTZ-T13 INTERSIL-ISL21440IRTZ-T13 Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440IRTZ-T13 RENESAS-ISL21440IRTZ-T13 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440IUZ INTERSIL-ISL21440IUZ Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
More results

Similar Description - ISL21440_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com