Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9444 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9444
Description  Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9444 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9444 Datasheet HTML 2Page - Intersil Corporation ISL9444 Datasheet HTML 3Page - Intersil Corporation ISL9444 Datasheet HTML 4Page - Intersil Corporation ISL9444 Datasheet HTML 5Page - Intersil Corporation ISL9444 Datasheet HTML 6Page - Intersil Corporation ISL9444 Datasheet HTML 7Page - Intersil Corporation ISL9444 Datasheet HTML 8Page - Intersil Corporation ISL9444 Datasheet HTML 9Page - Intersil Corporation ISL9444 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ISL9444
6
FN7665.1
July 19, 2011
Typical Application - ISL9444
VCC_5V
4
C2
4.7µF
+
PGOOD3
+12V
UGATE2
PHASE2
ISL9444
CIN1
R5
CO2
37
32
36
7
LGATE2
19
ISEN2
R4
C6
BOOT2
VIN
31
39
R6
38
FB1
UGATE1
PHASE1
CO1
LGATE1
ISEN1
R3
C5
BOOT1
R2
OCSET3
40
35
34
33
5
L2
17
SGND
Q1
VOUT1
R1
Q2
FB2
VOUT2
R9
+3.3V, 6A
C3
C4
L1
+1.05V, 6A
100µF
100k
1.5µH
1.0µH
IRF7907
IRF7907
30.9k
115k
1.3k
1.3K
10.5k
16.5k
0.1µF
10µF
47µF
10µF
0.1µF
UGATE3
PHASE3
R11
25
LGATE3
ISEN3
R10
C11
BOOT3
24
R12
28
27
26
L3
20
Q3
FB3
VOUT3
+1.8V, 6A
1.5µH
IRF7907
31.6k
15.8k
1.1k
0.1µF
C10
10µF
+12V
8
OCSET1
R7
100k
16
OCSET2
R8
100k
10
14
PGOOD1
EN2
15
6
21
18
PGND
29
9
20
VOUT1
V
R13
100k
C1
1µF
1000pF
C12
EN/SS1
TK/SS3
TK/SS2
CSS1
10nF
C7
470pF
C8
47pF
C9
DNP
PGOOD
RT
R15
49.9k
R14
25.5k
VOUT2
V
PGOOD1
PGOOD1
VOUT1
V
R18
100k
49.9k
RT
EXTBIAS
3
100µF
CO3
47µF
22
EN3
PGOOD2
19
30
23
MODE/SYNC
2
PFI
1
PFO
CLKOUT
13
PG3_DLY
CDLY
47nF
CSS2
10nF


Similar Part No. - ISL9444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444CRZ RENESAS-ISL9444CRZ Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444EVAL1Z RENESAS-ISL9444EVAL1Z Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL9444IRZ INTERSIL-ISL9444IRZ Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
More results

Similar Description - ISL9444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL9443 RENESAS-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL9440IRZ-T INTERSIL-ISL9440IRZ-T Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com