Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9444 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9444
Description  Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9444 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9444 Datasheet HTML 1Page - Intersil Corporation ISL9444 Datasheet HTML 2Page - Intersil Corporation ISL9444 Datasheet HTML 3Page - Intersil Corporation ISL9444 Datasheet HTML 4Page - Intersil Corporation ISL9444 Datasheet HTML 5Page - Intersil Corporation ISL9444 Datasheet HTML 6Page - Intersil Corporation ISL9444 Datasheet HTML 7Page - Intersil Corporation ISL9444 Datasheet HTML 8Page - Intersil Corporation ISL9444 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ISL9444
3
FN7665.1
July 19, 2011
6
EN/SS1
This pin provides an enable/disable function and soft-starting for PWM1 output. The output is disabled when the pin is
pulled to GND. During start-up, a regulated 1.55µA soft-start current charges an external capacitor connected at this pin.
When the voltage on the EN/SS1 pin reaches 1.3V, the PWM1 output becomes active. From 1.3V to 2.0V, the reference
voltage of the PWM1 is clamped to the voltage at EN/SS1 minus 1.3V. The capacitance of the soft-start capacitors sets
the soft-starting time and enable delay time. Setting the soft-starting time too short might create undesirable overshoot
at the output during start-up. VCC_5V UVLO discharges the EN/SS1 via an internal MOSFET.
7
FB1
PWM1 feedback input. Connect FB1 to a resistive voltage divider from the output of PWM1 to GND to adjust the output
voltage.
8
OCSET1
A resistor from this pin to ground adjusts the overcurrent threshold for PWM1.
9
RT
A resistor from this pin to ground adjusts the switching frequency from 200kHz to 1.2MHz. The switching frequency of
the PWM controller is determined by the resistor, RT,
where tSW is the switching period in µs.
10
PGOOD1
Open drain logic output used to indicate the status of the PWM1 output voltage. This pin is pulled down when the PWM1
output is not within ±11% of the nominal voltage.
11
PGOOD2
Open drain logic output used to indicate the status of the PWM2 output voltage. This pin is pulled down when the PWM2
output is not within ±11% of the nominal voltage.
12
PGOOD3
Open drain logic output used to indicate the status of the PWM3 output voltage. This pin is pulled down when the PWM3
output is not within ±11% of the nominal voltage.
13
PG3_DLY
A capacitor connected between this pin and ground sets a delay between PWM3 output voltage reaching ±11% of
regulation and PGOOD3 going high. There is no delay when PWM3 goes out of regulation and PGOOD3 is pulled low.
14
EN2
Enable/Disable input for PWM2. The output of PWM2 is enabled when this pin is pulled HIGH, and disabled when this pin
is pulled LOW. PGOOD2 is pulled LOW 1µs after EN2 is pulled LOW. Do not leave this pin floating.
15
SGND
This is the small-signal ground common to all 3 controllers. It is suggested to route this separately from the high current
ground (PGND). SGND and PGND can be tied together if there is one solid ground plane with no noisy currents around the
chip. All voltage levels are measured with respect to this pin.
16
OCSET2
A resistor from this pin to ground adjusts the overcurrent threshold for PWM2.
17
FB2
PWM2 feedback input. Connect FB2 to a resistive voltage divider from the output of PWM2 to GND to adjust the output
voltage.
18
TK/SS2
Dual function pin. The reference voltage of PWM2 is clamped to the voltage at TK/SS2 during start-up. When this pin is
used for tracking, another channel is configured as the master and the output voltage of the master channel is applied
to this pin via a resistor divider.
When used for soft-starting control, a soft-start capacitor is connected from this pin to GND. A regulated 1.55µA soft-starting
current charges up the soft-start capacitor. Value of the soft-start capacitor sets the PWM2 output voltage ramp.
19
OCSET3
A resistor from this pin to ground adjusts the overcurrent threshold for PWM3.
20
FB3
PWM3 feedback input. Connect FB3 to a resistive voltage divider from the output of PWM3 to GND to adjust the output
voltage.
21
TK/SS3
Dual function pin. The reference voltage of PWM3 is clamped to the voltage at TK/SS3 during start-up. When this pin is
used for tracking, another channel is configured as the master and the output voltage of the master channel is applied
to this pin via a resistor divider.
When used for soft-starting control, a soft-start capacitor is connected from this pin to GND. A regulated 1.55µA soft-starting
current charges up the soft-start capacitor. Value of the soft-start capacitor sets the PWM3 output voltage ramp.
22
EN3
Enable/Disable input for PWM3. The output of PWM3 is enabled when this pin is pulled HIGH, and disabled when this pin
is pulled LOW. PGOOD3 is pulled LOW 1µs after EN3 is pulled LOW. Do not leave this pin floating.
23
MODE/SYNC
Dual function pin. Tie this pin to ground or VCC_5V for light load operation mode selection. Connect this pin to ground to
select Diode Emulation Mode with pulse skipping at light load. While connected to VCC_5V, the controllers operate in
PWM Mode at light load.
Connect this pin to CLKOUT of another ISL9444 or an external clock for synchronization. The controller operates in PWM
at light load when synchronized with another ISL9444 or with an external clock.
Pin Descriptions (Continued)
PIN
NAME
FUNCTION
RT
23.36
1.5 tSW 0.36
×
()
×
() kΩ
=
(EQ. 1)


Similar Part No. - ISL9444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444CRZ RENESAS-ISL9444CRZ Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444EVAL1Z RENESAS-ISL9444EVAL1Z Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL9444IRZ INTERSIL-ISL9444IRZ Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
More results

Similar Description - ISL9444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL9443 RENESAS-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL9440IRZ-T INTERSIL-ISL9440IRZ-T Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com