Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3298EMRTEP-TK Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL3298EMRTEP-TK
Description  9RS-485/RS-422 Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3298EMRTEP-TK Datasheet(HTML) 8 Page - Intersil Corporation

  ISL3298EMRTEP-TK Datasheet HTML 1Page - Intersil Corporation ISL3298EMRTEP-TK Datasheet HTML 2Page - Intersil Corporation ISL3298EMRTEP-TK Datasheet HTML 3Page - Intersil Corporation ISL3298EMRTEP-TK Datasheet HTML 4Page - Intersil Corporation ISL3298EMRTEP-TK Datasheet HTML 5Page - Intersil Corporation ISL3298EMRTEP-TK Datasheet HTML 6Page - Intersil Corporation ISL3298EMRTEP-TK Datasheet HTML 7Page - Intersil Corporation ISL3298EMRTEP-TK Datasheet HTML 8Page - Intersil Corporation ISL3298EMRTEP-TK Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ISL3298EMRTEP
8
FN7607.1
July 28, 2011
FIGURE 12. DRIVER DIFFERENTIAL SKEW vs TEMPERATURE
FIGURE 13. DRIVER SINGLE-ENDED SKEW vs TEMPERATURE
FIGURE 14. SINGLE-ENDED PROPAGATION DELAY vs
TEMPERATURE
FIGURE 15. DRIVER WAVEFORMS, HIGH TO LOW
Die Characteristics
SUBSTRATE AND TDFN THERMAL PAD POTENTIAL
(POWERED UP):
GND
TRANSISTOR COUNT:
516
PROCESS:
Si Gate BiCMOS
Typical Performance Curves V
CC = VL = 3.3V, TA = +25°C; Unless Otherwise Specified (Continued)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VL = VCC ≤ 3.3V, SKEW
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Y, VL = VCC = 3.3V, SKEW
Z, VL = VCC = 3.3V, SKEW
18
20
22
24
26
28
30
32
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Y, VL = VCC, TDDLH
Z, VL = VCC, TDDLH
Z, VL = VCC = TDDHL
Y, VL = VCC = TDDHL
TIME (10ns/DIV)
RDIFF = 54Ω, CD = 50pF
1.5
3.0
0
3
DI
Y
Z
0
-3
-2
-1
0
1
2
3
Y - Z
VL = 1.35V


Similar Part No. - ISL3298EMRTEP-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
More results

Similar Description - ISL3298EMRTEP-TK

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3282EMRTEP INTERSIL-ISL3282EMRTEP Datasheet
624Kb / 8P
   RS-485/RS-422 Receiver
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510_15 Datasheet
236Kb / 1P
   RS-422/485 Repeater
ADAM-4510 ADVANTECH-ADAM-4510_V01 Datasheet
486Kb / 1P
   RS-422/485 Repeater
26-Mar-2021
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com