Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAT40012 Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

Part # PAT40012
Description  400A Avg 1200~1600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PAT40012 Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  PAT40012 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PAT40012 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PAT40012 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PAT40012 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
─ 214 ─


Similar Part No. - PAT40012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PAT4008 NIEC-PAT4008 Datasheet
246Kb / 4P
   THYRISTOR 400A AVG 800 VOLTS
logo
NIHON DEMPA KOGYO
PAT400N16 NDK-PAT400N16 Datasheet
830Kb / 4P
   400竊?竊죞g 1600 竊턮lts
PAT400N8 NDK-PAT400N8 Datasheet
815Kb / 4P
   400竊?竊죞g 800 竊턮lts
More results

Similar Description - PAT40012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHT40012 NIEC-PHT40012_1 Datasheet
236Kb / 4P
   400A Avg 1200~1600 Volts
PH40016 NIEC-PH40016 Datasheet
266Kb / 2P
   DIODE 400A Avg 1600 Volts
PC40016 NIEC-PC40016 Datasheet
269Kb / 2P
   DIODE 400A Avg 1600 Volts
PH400N16 NIEC-PH400N16 Datasheet
287Kb / 2P
   DIODE 400A Avg 1600 Volts
PDT6012 NIEC-PDT6012_1 Datasheet
253Kb / 4P
   60A Avg 1200~1600 Volts
PDT10012 NIEC-PDT10012_1 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
PT200S12 NIEC-PT200S12_1 Datasheet
123Kb / 2P
   200A Avg 1200~1600 Volts
PT76S12 NIEC-PT76S12_1 Datasheet
117Kb / 2P
   75A Avg 1200 1600 Volts
PC3012 NIEC-PC3012_1 Datasheet
151Kb / 2P
   30A Avg 1200 1600 Volts
PC20012 NIEC-PC20012_1 Datasheet
153Kb / 2P
   200A Avg 1200 1600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com