Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1152SPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR1152SPBF
Description  FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1152SPBF Datasheet(HTML) 3 Page - International Rectifier

  IR1152SPBF Datasheet HTML 1Page - International Rectifier IR1152SPBF Datasheet HTML 2Page - International Rectifier IR1152SPBF Datasheet HTML 3Page - International Rectifier IR1152SPBF Datasheet HTML 4Page - International Rectifier IR1152SPBF Datasheet HTML 5Page - International Rectifier IR1152SPBF Datasheet HTML 6Page - International Rectifier IR1152SPBF Datasheet HTML 7Page - International Rectifier IR1152SPBF Datasheet HTML 8Page - International Rectifier IR1152SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
IR1152S
www.irf.com
3
© 2011 International Rectifier
Electrical Characteristics
The electrical characteristics involve the spread of values guaranteed within the specified supply voltage and
junction temperature range TJ from – 25° C to 125°C. Typical values represent the median values, which are
related to 25°C. If not otherwise stated, a supply voltage of VCC =15V is assumed for test condition
Supply Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Supply Voltage Operating
Range
VCC
14
17
V
VCC Turn On Threshold
VCC ON
12.2
13.1
14
V
VCC Turn Off Threshold
(Under Voltage Lock Out)
VCC UVLO
9.4
10.1
10.8
V
VCC Turn On/Off Hysteresis
VCC HYST
2.4
3
3.6
V
9
mA
CLOAD =1nF
14
mA
CLOAD =4.7nF
Operating Current
ICC
3.5
5
mA
Stand-by Mode – Inactive gate
Start-up Current
ICC START
26
75
µA
VCC=VCC ON - 0.5V
Sleep current
ISLEEP
26
75
µA
Pin OVP/EN=0.4V
Sleep Mode Threshold
VSLEEP
0.55
0.8
V
Bias on OVP/EN pin
Oscillator Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
58
66
72.5
TAMB=25°C
Fixed Oscillator Frequency
fSW
53.8
73
kHz
-25
°C < TAMB < 125°C
Maximum Duty Cycle
DMAX
93
99
%
VCOMP=5V
Minimum Duty Cycle
DMIN
0
%
Pulse Skipping
Protection Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Open Loop Protection
(OLP)Threshold
VOLP
17
19
21
%
VREF
Bias on VFB pin
Output Overvoltage
Protection (OVP)
Threshold
VOVP
104
106
108
%
VREF
Bias on VFB and/or OVP/EN pins
Output Overvoltage
Protection Reset Threshold
VOVP(RST)
101
103
105
%
VREF
Bias on VFB and/or OVP/EN pins
OVP Input Bias Current
IOVP(Bias)
-0.2
µA
Brown-out Protection
(BOP) Threshold
VBOP
0.68
0.78
0.88
V
Bias on BOP pin
Brown-out Protection
Enable Threshold
VBOP(EN)
1.46
1.56
1.66
V
Bias on BOP pin
BOP Input Bias Current
IBOP(Bias)
-0.2
µA
Peak Current Limit
Protection ISNS Voltage
Threshold (IPK LIMIT)
VISNS(PK)
-0.82
-0.75
-0.68
V
Bias on ISNS pin


Similar Part No. - IR1152SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1152S IRF-IR1152S Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY
IR1152S IRF-IR1152S_15 Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY
More results

Similar Description - IR1152SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S_15 Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150 Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1150IS IRF-IR1150IS Datasheet
247Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
AN-1077 IRF-AN-1077 Datasheet
449Kb / 20P
   PFC Converter Design with IR1150 One Cycle Control IC
IRAC1152-350W IRF-IRAC1152-350W Datasheet
965Kb / 24P
   PFC IC with IR proprietary ?쏰ne Cycle Control
logo
Infineon Technologies A...
ICE2PCS04 INFINEON-ICE2PCS04 Datasheet
507Kb / 19P
   Standalone PFC Controller in CCM with Input Brown-Out Protection
Version 2.0, 10 Oct 2007
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com