Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCH608 Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

Part # PCH608
Description  60A Avg 800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PCH608 Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  PCH608 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PCH608 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PCH608 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PCH608 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
─ 178 ─


Similar Part No. - PCH608

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCH608 NIEC-PCH608 Datasheet
248Kb / 5P
   THYRISTOR MODULE 60A/800V
More results

Similar Description - PCH608

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PE608N NIEC-PE608N_1 Datasheet
153Kb / 2P
   60A Avg 800 Volts
PC608 NIEC-PC608_1 Datasheet
153Kb / 2P
   60A Avg 800 Volts
logo
National Instruments Co...
PC608 NI-PC608_15 Datasheet
153Kb / 2P
   60A Avg 800 Volts
logo
Nihon Inter Electronics...
PD60KN8 NIEC-PD60KN8 Datasheet
149Kb / 2P
   DIODE 60A Avg 800 Volts
PHT608C NIEC-PHT608C Datasheet
26Kb / 1P
   THYRISTOR 60A Avg 800 Volts
logo
National Instruments Co...
PC60QL03N NI-PC60QL03N_15 Datasheet
168Kb / 2P
   60A Avg 30 Volts
P2H60F2 NI-P2H60F2_15 Datasheet
208Kb / 2P
   60A Avg 200 Volts
PC60Q04N NI-PC60Q04N_15 Datasheet
162Kb / 2P
   60A Avg 40 Volts
P2H60F6 NI-P2H60F6_15 Datasheet
207Kb / 2P
   60A Avg 600 Volts
P2H60QH10 NI-P2H60QH10_15 Datasheet
237Kb / 2P
   60A Avg 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com