Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D12S05020 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # D12S05020
Description  4.5V~13.2Vin, 0.59V~5.0Vout, 20A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12S05020 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  D12S05020 Datasheet HTML 1Page - Delta Electronics, Inc. D12S05020 Datasheet HTML 2Page - Delta Electronics, Inc. D12S05020 Datasheet HTML 3Page - Delta Electronics, Inc. D12S05020 Datasheet HTML 4Page - Delta Electronics, Inc. D12S05020 Datasheet HTML 5Page - Delta Electronics, Inc. D12S05020 Datasheet HTML 6Page - Delta Electronics, Inc. D12S05020 Datasheet HTML 7Page - Delta Electronics, Inc. D12S05020 Datasheet HTML 8Page - Delta Electronics, Inc. D12S05020 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DS_D12S05020_10282008
3
ELECTRICAL CHARACTERISTICS CURVES
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
18
20
Load (A)
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
1214
1618
20
Load (A)
Figure 1: Converter efficiency vs. output current
(5.0V output voltage, 12V input)
Figure 2: Converter efficiency vs. output current
(3.3V output voltage, 12V input)
60
65
70
75
80
85
90
95
100
02468
10
12
14
16
18
20
Load (A)
60
65
70
75
80
85
90
95
100
02468
10
12
14
16
18
20
Load (A)
Figure 3: Converter efficiency vs. output current
(2.5V output voltage, 12V input)
Figure 4: Converter efficiency vs. output current
(1.5V output voltage, 12V input)
60
65
70
75
80
85
90
95
100
0
2
4
6
8
1012
1416
1820
Load (A)
60
65
70
75
80
85
90
95
100
02468
10
12
14
16
18
20
Load (A)
Figure 5: Converter efficiency vs. output current
(1.2V output voltage, 12V input)
Figure 6: Converter efficiency vs. output current
(0.9V output voltage, 12V input)


Similar Part No. - D12S05020

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S05020-1 DELTA-D12S05020-1 Datasheet
722Kb / 12P
   Fixed frequency operation
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S05020-1A DELTA-D12S05020-1A Datasheet
722Kb / 12P
   Fixed frequency operation
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
More results

Similar Description - D12S05020

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S300-1 DELTA-D12S300-1 Datasheet
656Kb / 13P
   4.5V~13.8Vin, 0.6V~5.0Vout, 60A
D12F200 DELTA-D12F200 Datasheet
623Kb / 13P
   4.5V~13.8Vin, 0.6V~5.0Vout, 40A
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
D12F200E DELTA-D12F200E Datasheet
695Kb / 13P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
logo
Power-One
YEV09T10 POWER-ONE-YEV09T10 Datasheet
270Kb / 12P
   10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T06 POWER-ONE-YEV09T06 Datasheet
305Kb / 12P
   6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T03 POWER-ONE-YEV09T03 Datasheet
318Kb / 10P
   3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
logo
Delta Electronics, Inc.
D12S2R550A DELTA-D12S2R550A Datasheet
769Kb / 11P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 50A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com