Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP5310TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BCP5310TA
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP5310TA Datasheet(HTML) 1 Page - Diodes Incorporated

  BCP5310TA Datasheet HTML 1Page - Diodes Incorporated BCP5310TA Datasheet HTML 2Page - Diodes Incorporated BCP5310TA Datasheet HTML 3Page - Diodes Incorporated BCP5310TA Datasheet HTML 4Page - Diodes Incorporated BCP5310TA Datasheet HTML 5Page - Diodes Incorporated BCP5310TA Datasheet HTML 6Page - Diodes Incorporated BCP5310TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BCP 51 / 52 / 53
Datasheet Number: DS35366 Rev. 2 – 2
1 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCP 51 / 52 / 53
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Features
IC = -1A Continuous Collector Current
Low Saturation Voltage VCE(sat) < -500mV @ -0.5A
Gain groups 10 and 16
Epitaxial Planar Die Construction
Complementary NPN types: BCP54, 55 and 56
Lead-Free, RoHS Compliant (Note 1)
Halogen and Antimony Free. “Green” Devices (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case Material: Molded Plastic, “Green” Molding
Compound (Note 2)
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish
Weight: 0.112 grams (Approximate)
Applications
Medium Power Switching or Amplification Applications
AF driver and output stages
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
BCP51TA
BCP 51
7
12
1,000
BCP5110TA
BCP 5110
7
12
1,000
BCP5116TA
BCP 5116
7
12
1,000
BCP5116TC
BCP 5116
13
12
4,000
BCP52TA
BCP 52
7
12
1,000
BCP5210TA
BCP 5210
7
12
1,000
BCP5216TA
BCP 5216
7
12
1,000
BCP53TA
BCP 53
7
12
1,000
BCP5310TA
BCP 5310
7
12
1,000
BCP5316TA
BCP 5316
7
12
1,000
BCP5316TC
BCP 5316
13
12
4,000
Notes:
1. No purposefully added lead.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website http://www.diodes.com
Marking Information
BCP = Product Type Marking Code, Line 1.
xxxx = Product Type Marking Code, Line 2 as follows:
BCP51
= 51
BCP52
= 52
BCP53
= 53
BCP5110 = 5110
BCP5210 = 5210
BCP5310 = 5310
BCP5116 = 5116
BCP5216 = 5216
BCP5316 = 5316
Top View
Device Symbol
SOT223
C
E
B
Top View
Pin-Out
C
C
B
E
xxxx
BCP


Similar Part No. - BCP5310TA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BCP5316 STMICROELECTRONICS-BCP5316 Datasheet
48Kb / 4P
   LOW POWER PNP TRANSISTOR
logo
Diodes Incorporated
BCP5316Q DIODES-BCP5316Q Datasheet
406Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT223
August 2021
BCP5316QTA DIODES-BCP5316QTA Datasheet
406Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT223
August 2021
BCP5316Q DIODES-BCP5316Q_15 Datasheet
283Kb / 6P
   80V PNP MEDIUM POWER TRANSISTORS IN SOT223
More results

Similar Description - BCP5310TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP31 ZETEX-BSP31 Datasheet
47Kb / 1P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCP54 DIODES-BCP54 Datasheet
131Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
BCP51_52_53 DIODES-BCP51_52_53_15 Datasheet
399Kb / 7P
   PNP MEDIUM POWER TRANSISTORS IN SOT223
FZT788B DIODES-FZT788B Datasheet
93Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
FZT796A DIODES-FZT796A Datasheet
90Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
FZT795A DIODES-FZT795A Datasheet
97Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
FZT790A DIODES-FZT790A Datasheet
94Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
FZT558TA DIODES-FZT558TA Datasheet
378Kb / 6P
   400V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
FZT755 DIODES-FZT755 Datasheet
47Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755_05 Datasheet
40Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com