Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX5110TA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # BCX5110TA
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX5110TA Datasheet(HTML) 6 Page - Diodes Incorporated

  BCX5110TA Datasheet HTML 1Page - Diodes Incorporated BCX5110TA Datasheet HTML 2Page - Diodes Incorporated BCX5110TA Datasheet HTML 3Page - Diodes Incorporated BCX5110TA Datasheet HTML 4Page - Diodes Incorporated BCX5110TA Datasheet HTML 5Page - Diodes Incorporated BCX5110TA Datasheet HTML 6Page - Diodes Incorporated BCX5110TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BCX 51 / 52 / 53
Datasheet Number: DS35368 Rev. 2 – 2
6 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCX 51 / 52 / 53
Package Outline Dimensions
Suggested Pad Layout
SOT89
Dim
Min
Max
A
1.40
1.60
B
0.44
0.62
B1
0.35
0.54
C
0.35
0.43
D
4.40
4.60
D1
1.52
1.83
E
2.29
2.60
e
1.50 Typ
e1
3.00 Typ
H
3.94
4.25
L
0.89
1.20
All Dimensions in mm
Dimensions Value (in mm)
X
0.900
X1
1.733
X2
0.416
Y
1.300
Y1
4.600
Y2
1.475
Y3
0.950
Y4
1.125
C
1.500
e
D
H
L
A
C
E
8° (4
X)
B1
B
D1
R
0.
20
0
e1
Y1
X1
Y2
Y
C
X (3x)
Y3
Y4
X2 (2x)


Similar Part No. - BCX5110TA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX51 PHILIPS-BCX51 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
WILLAS ELECTRONIC CORP
BCX51 WILLAS-BCX51 Datasheet
369Kb / 3P
   SOT-89 Plastic-Encapsulate Transistors
logo
First Silicon Co., Ltd
BCX51 FS-BCX51 Datasheet
312Kb / 4P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BCX51 SIEMENS-BCX51 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
NXP Semiconductors
BCX51 NXP-BCX51 Datasheet
242Kb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
More results

Similar Description - BCX5110TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSR31 ZETEX-BSR31 Datasheet
16Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BCX53-16 ZETEX-BCX53-16 Datasheet
28Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BSR31 DIODES-BSR31 Datasheet
27Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
logo
SHIKUES Electronics
BCX51 SKTECHNOLGY-BCX51 Datasheet
1Mb / 4P
   PNP Silcon Planar Medium Power Transistors In SOT89
logo
Diodes Incorporated
BCX56-16TA DIODES-BCX56-16TA Datasheet
231Kb / 6P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BCX54 DIODES-BCX54 Datasheet
146Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BCX51_52_53 DIODES-BCX51_52_53_15 Datasheet
374Kb / 7P
   PNP MEDIUM POWER TRANSISTORS IN SOT89
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX589 DIODES-FCX589 Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com