Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GL5UR8 Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. GL5UR8
Description  Ã¸5mm(T-1 3/4), Cylinder Type, Colored Diffusion, High-luminosity LED Lamps for Outdoor Use
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GL5UR8 Datasheet(HTML) 1 Page - Sharp Electrionic Components

  GL5UR8 Datasheet HTML 1Page - Sharp Electrionic Components GL5UR8 Datasheet HTML 2Page - Sharp Electrionic Components GL5UR8 Datasheet HTML 3Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
23
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
Super-luminosity LED Lamp/High-luminosity LED Lamp
GL5tt8 series
GL5uu8 series
s Outline Dimensions
ø5.0
±0.15
Colored diffusion
0.5
±0.1
2.54NOM
2.5
1
2
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
s Radiation Diagram
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
DC
Pulse
GL5UR8
GL5TR8
GL5HJ8
GL5HV8
GaA1As on GaA1As
GaA1As on GaAs
A1GaInP
A1GaInP
75
110
130
130
30
50
50
50
0.40
0.67
0.67
0.67
0.67
4.00
1.33
1.33
260
260
260
260
50
*1
300
*2
100
*1
100
*1
4
5
4.1
4.1
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*3
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Red(Super-luminosity)
Red(High-luminosity)
Orange(Super-luminosity)
Yellow(Super-luminosity)
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 Duty ratio=1/16, Pulse width
≤1ms
*3 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL5UR8
GL5TR8
GL5HJ8
GL5HV8
TYP
MAX
1.85
1.75
1.9
1.9
2.5
2.2
2.6
2.6
660
660
620
590
20
20
20
20
20
20
20
20
20
20
20
20
100
10
100
100
3
4
4
4
25
30
26
24
1
1
1
1
20
20
18
13
400
80
850
550
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Colored
diffusion
s Electro-optical Characteristics
(Unit :
mm)
(Ta=25˚C)
ø5mm(T-1 3/4), Cylinder Type,
Colored Diffusion, High-luminosity
LED Lamps for Outdoor Use


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn