Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G17W5-7 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # 74LVC1G17W5-7
Description  SINGLE SCHMITT-TRIGGER BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G17W5-7 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button 74LVC1G17W5-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G17W5-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G17W5-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G17W5-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G17W5-7 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G17W5-7 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G17W5-7 Datasheet HTML 11Page - Diodes Incorporated 74LVC1G17W5-7 Datasheet HTML 12Page - Diodes Incorporated 74LVC1G17W5-7 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
74LVC1G17
SINGLE SCHMITT-TRIGGER BUFFER
74LVC1G17
Document number: DS35124 Rev. 3 - 2
9 of 13
www.diodes.com
July 2011
© Diodes Incorporated
Ordering Information
74LVC1G 17 XXX -7
Function
Package
7 : Tape & Reel
Packing
Logic Device
74 : Logic Prefix
LVC : 1.65 to 5.5V
Family
1G : One gate
17 : 1-Input
Schmitt-Trigger
Buffer
W5 : SOT25
SE : SOT353
FW4 : DFN1010
FZ4 : DFN1410
Device
Package
Code
Packaging
(Note 7)
7” Tape and Reel
Quantity
Part Number Suffix
74LVC1G17W5-7
W5
SOT25
3000/Tape & Reel
-7
74LVC1G17SE-7
SE
SOT353
3000/Tape & Reel
-7
74LVC1G17FW4-7
FW4
DFN1010
5000/Tape & Reel
-7
74LVC1G17FZ4-7
FZ4
DFN1410
5000/Tape & Reel
-7
Notes:
7. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - 74LVC1G17W5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G17W5-7 DIODES-74LVC1G17W5-7 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
More results

Similar Description - 74LVC1G17W5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_08 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com