Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G10_1107 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC1G10_1107
Description  SINGLE 3 INPUT POSITIVE NAND GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G10_1107 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC1G10_1107 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G10_1107 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G10_1107 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G10_1107 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G10_1107 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G10_1107 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G10_1107 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G10_1107 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G10_1107 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74LVC1G10
SINGLE 3 INPUT POSITIVE NAND GATE
74LVC1G10
Document number: DS35121 Rev. 3 - 2
6 of 13
www.diodes.com
July 2011
© Diodes Incorporated
Switching Characteristics
TA = -40°C to 85°C, CL = 15pF (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
Any
Y
1.0
14.8
0.7
5.5
0.7
3.8
0.7
2.7
ns
TA = -40°C to 85°C, CL = 30 or 50pF (see Figure 2)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
Any
Y
1.0
18.0
0.7
6.5
0.7
5
0.7
3.6
ns
TA = -40°C to 125°C, CL = 15 pF (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
Any
Y
1.0
17.7
0.7
6.6
0.7
4.6
0.7
3.3
ns
TA = -40°C to 125°C , CL = 30 or 50pF (see Figure 2)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
Any
Y
1.0
21.6
0.7
7.8
0.7
6.0
0.7
4.3
ns
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Unit
Typ.
Typ.
Typ.
Typ.
Cpd
Power dissipation
capacitance
f = 10 MHz
17
18
19
22
pF


Similar Part No. - 74LVC1G10_1107

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G10-Q100 NEXPERIA-74LVC1G10-Q100 Datasheet
764Kb / 12P
   Single 3-input NAND gate
logo
Texas Instruments
74LVC1G10DBVRG4 TI-74LVC1G10DBVRG4 Datasheet
675Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NAND GATE
74LVC1G10DBVRG4 TI1-74LVC1G10DBVRG4 Datasheet
1Mb / 25P
[Old version datasheet]   Single 3-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G10DW DIODES-74LVC1G10DW Datasheet
291Kb / 14P
   SINGLE 3 INPUT POSITIVE NAND GATE
DS35121 Rev. 1 - 2
74LVC1G10FW4 DIODES-74LVC1G10FW4 Datasheet
291Kb / 14P
   SINGLE 3 INPUT POSITIVE NAND GATE
DS35121 Rev. 1 - 2
More results

Similar Description - 74LVC1G10_1107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G10 TI-SN74LVC1G10_10 Datasheet
675Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10 TI1-SN74LVC1G10_15 Datasheet
1Mb / 25P
[Old version datasheet]   Single 3-Input Positive-NAND Gate
logo
Unisonic Technologies
U74LVC1G10 UTC-U74LVC1G10 Datasheet
187Kb / 6P
   SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVC1G10 DIODES-74LVC1G10 Datasheet
291Kb / 14P
   SINGLE 3 INPUT POSITIVE NAND GATE
DS35121 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G10 TI-SN74LVC1G10 Datasheet
252Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE NAND GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com