Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR20A60CT-G Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR20A60CT-G
Description  20A SBR SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20A60CT-G Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR20A60CT-G Datasheet HTML 1Page - Diodes Incorporated SBR20A60CT-G Datasheet HTML 2Page - Diodes Incorporated SBR20A60CT-G Datasheet HTML 3Page - Diodes Incorporated SBR20A60CT-G Datasheet HTML 4Page - Diodes Incorporated SBR20A60CT-G Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR20A60
Document number: DS30965 Rev. 10 - 2
3 of 5
www.diodes.com
August 2011
© Diodes Incorporated
SBR20A60CT
SBR20A60CTB
SBR20A60CTFP
SBR is a registered trademark of Diodes Incorporated.
Fig. 1 Forward Current Derating Curve
0
5
10
15
20
25
30
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
R
= 16°C/W
Per Element
JA
θ
R
= R
Per Element
θθ
JA
JC
R
= R
Total Device
θθ
JA
JC
0.001
0.01
0.1
1
10
0
100
200
300
400
500
600
700 800
Fig. 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
20
0
100
200
300
400
500
600
700 800
Fig. 3 Forward Characteristics @T = 125°C
A
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
0.001
0.01
0.1
1
10
30
T = 125°C
Typical
Values
A
T = 125°C
Maximum
Values
A
1
100
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
010
20
30
40
50
60
Fig. 4 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
F
0
1020
30
4050
60
Fig. 5 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
10
100
1,000
10,000
f = 1MHz
100,000
10,000
1,000
100
10
1
0.01
0.1
1
10
100
1,000
T , PULSE DURATION (µS)
P
Fig. 6 Maximum Avalanche Power Curve


Similar Part No. - SBR20A60CT-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A60CT-G DIODES-SBR20A60CT-G Datasheet
243Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results

Similar Description - SBR20A60CT-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U150CT DIODES-SBR20U150CT Datasheet
160Kb / 4P
   20A SBR Super Barrier Rectifier
SBR20U150CT Rev. 3
SBR20150CT DIODES-SBR20150CT Datasheet
177Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20150 Rev. 2
SBR20A100CT DIODES-SBR20A100CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A100 Rev. 2
SBR20A60CT DIODES-SBR20A60CT Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A60 Rev. 2
SBR20M45D1 DIODES-SBR20M45D1 Datasheet
302Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR2040CT DIODES-SBR2040CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR2040 Rev. 2
SBR2060CTI DIODES-SBR2060CTI Datasheet
491Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR2065D1 DIODES-SBR2065D1 Datasheet
429Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR20A45D1 DIODES-SBR20A45D1 Datasheet
409Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
January 2017 Rev.3 - 2
SBR20A200CT DIODES-SBR20A200CT Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A200 Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com