Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP0150ALP4 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DP0150ALP4
Description  50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DP0150ALP4 Datasheet(HTML) 4 Page - Diodes Incorporated

  DP0150ALP4 Datasheet HTML 1Page - Diodes Incorporated DP0150ALP4 Datasheet HTML 2Page - Diodes Incorporated DP0150ALP4 Datasheet HTML 3Page - Diodes Incorporated DP0150ALP4 Datasheet HTML 4Page - Diodes Incorporated DP0150ALP4 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DP0150ALP4 / DP0150BLP4
Document number: DS31493 Rev. 4 - 2
4 of 5
www.diodes.com
January 2011
© Diodes Incorporated
DP0150ALP4 / DP0150BLP4
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Capacitance Characteristics
0
1
10
100
Cibo
C
obo
f = 1MHz
0
50
100
150
200
250
02
4
6
8
10
-I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Gain-Bandwidth Product
vs. Collector Current
V
= -6V
f = 30MHz
CE
Package Outline Dimensions
Suggested Pad Layout
DFN1006H4-3
Dim
Min
Max
Typ
A
0.95
1.075
1.00
B
0.55
0.675
0.60
C
0.45
0.55
0.50
D
0.20
0.30
0.25
G
0.40
H
0
0.05
0.02
K
0.10
0.20
0.15
L
0.20
0.30
0.25
M
0.35
N
0.40
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.1
G1
0.3
G2
0.2
X
0.7
X1
0.25
Y
0.4
C
0.7
D
H
B C
L
N
A
M
K
G
Y
C
G1
G2
X
X
1
Z


Similar Part No. - DP0150ALP4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DP0150ALP4 DIODES-DP0150ALP4 Datasheet
118Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DP0150ALP4-7 DIODES-DP0150ALP4-7 Datasheet
118Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DP0150ALP4 DIODES-DP0150ALP4_15 Datasheet
290Kb / 5P
   50V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
More results

Similar Description - DP0150ALP4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC857BLP DIODES-BC857BLP_11 Datasheet
95Kb / 4P
   50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DN0150ALP4 DIODES-DN0150ALP4_11 Datasheet
97Kb / 5P
   50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
2DC2412R DIODES-2DC2412R_V01 Datasheet
195Kb / 6P
   50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 3 - 2
2DC4617QLP DIODES-2DC4617QLP_11 Datasheet
136Kb / 5P
   50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
2DC2412R DIODES-2DC2412R_15 Datasheet
190Kb / 6P
   50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com