Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMCAD1050-40 Datasheet(PDF) 13 Page - Hittite Microwave Corporation

Part No. HMCAD1050-40
Description  Dual 13/12-Bit 20/40 MSPS A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMCAD1050-40 Datasheet(HTML) 13 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 13
HMCAD1050-40
v01.0411
Dual 13/12-Bit 20/40 MSPS
a/D Converter
outline Drawing
table 6: 9x9 mm QFn (64 Pin lP9) Dimensions
Symbol
Millimeter
Inch
Min
Typ
Max
Min
Typ
Max
A
0.9
0.035
A1
0
0.01
0.05
0
0.000
0.002
A2
0.65
0.7
0.026
0.028
A3
0.2 reF
0.008 reF
b
0.2
0.25
0.3
0.008
0.01
0.012
D
9.00 bsc
0.354 bsc
D1
8.75 bsc
0.344 bsc
D2
3.79
3.99
4.19
0.149
0.157
0.165
L
0.3
0.4
0.5
0.012
0.016
0.02
e
0.50 bsc
0.020 bsc
Θ1
12°
12°
F
1.9
0.075
G
0.24
0.42
0.6
0.010
0.017
0.024


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn