Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMCAD1050-40 Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part No. HMCAD1050-40
Description  Dual 13/12-Bit 20/40 MSPS A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMCAD1050-40 Datasheet(HTML) 10 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 10
HMCAD1050-40
v01.0411
Dual 13/12-Bit 20/40 MSPS
a/D Converter
age. the series capacitor, CI, form the high-pass pole
with these resistors, and the values must therefore be
determined based on the requirement to the high-pass
cut-off frequency.
Figure 7: AC coupled input
note that startup time from sleep Mode and Power
Down Mode will be affected by this filter as the time
required to charge the series capacitors is dependent
on the filter cut-off frequency.
If the input signal has a long traveling distance, and the
kick-backs from the ADC not are effectively terminated
at the signal source, the input network of figure 8 can
be used. the configuration in figure 8 is designed to
attenuate the kickback from the ADC and to provide
an input impedance that looks as resistive as possible
for frequencies below nyquist. values of the series
inductor will however depend on board design and
conversion rate. In some instances a shunt capaci-
tor in parallel with the termination resistor (e.g. 33pF)
may improve ADC performance further. this capacitor
attenuate the ADC kick-back even more, and minimize
the kicks traveling towards the source. However, the
impedance match seen into the transformer becomes
worse.
Figure 8: Alternative input network
Clock Input and Jitter considerations
typically high-speed ADCs use both clock edges to
generate internal timing signals. In the HMCAD1050-
40 only the rising edge of the clock is used. Hence,
input clock duty cycles between 20% and 80% are
acceptable.
the input clock can be supplied in a variety of formats.
the clock pins are AC-coupled internally. Hence a
wide common mode voltage range is accepted. Differ-
ential clock sources as LvDs, LvPeCL or differential
sine wave can be connected directly to the input pins.
For CMos inputs, the CKn pin should be connected
to ground, and the CMos clock signal should be con-
nected to CKP. For differential sine wave clock, the
input amplitude must be at least ± 800 mvpp.
the quality of the input clock is extremely important
for high-speed, high-resolution ADCs. the contribu-
tion to snr from clock jitter with a full scale signal at a
given frequency is shown in equation 1,
SNR
jitter = 20 · log (2 · π · ƒIN · єt)
(1)
where fIn is the signal frequency, and
εt is the total
rms jitter measured in seconds. the rms jitter is the
total of all jitter sources including the clock generation
circuitry, clock distribution and internal ADC circuitry.
For applications where jitter may limit the obtainable
performance, it is of utmost importance to limit the
clock jitter. this can be obtained by using precise and
stable clock references (e.g. crystal oscillators with
good jitter specifications) and make sure the clock dis-
tribution is well controlled. It might be advantageous
to use analog power and ground planes to ensure
low noise on the supplies to all circuitry in the clock
distribution. It is of utmost importance to avoid cross-
talk between the ADC output bits and the clock and
between the analog input signal and the clock since
such crosstalk often results in harmonic distortion.
the jitter performance is improved with reduced rise
and fall times of the input clock. Hence, optimum jitter
performance is obtained with LvDs or LvPeCL clock
with fast edges. CMos and sine wave clock inputs will
result in slightly degraded jitter performance.
If the clock is generated by other circuitry, it should
be re-timed with a low jitter master clock as the last
operation before it is applied to the ADC clock input.
Digital Outputs
Digital output data are presented on parallel CMos
form. the voltage on the ovDD pin set the levels of the
CMos outputs. the output drivers are dimensioned to
drive a wide range of loads for ovDD above 2.25v,
but it is recommended to minimize the load to ensure
as low transient switching currents and resulting noise
as possible. In applications with a large fanout or large
capacitive loads, it is recommended to add external
buffers located close to the ADC chip.
the timing is described in the timing Diagram section.
note that the load or equivalent delay on CK_eXt


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn