Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMCAD1050-40 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMCAD1050-40
Description  Dual 13/12-Bit 20/40 MSPS A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMCAD1050-40 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 1
HMCAD1050-40
v01.0411
Dual 13/12-Bit 20/40 MSPS
a/D Converter
Functional Diagram
Features
• 13-bit resolution
• 20/40 MsPs Maximum sampling rate
• Ultra-Low Power Dissipation: 30/55 mW
• 72.5 dB snr @ 8 MHz FIn
• Internal reference Circuitry
• 1.8 v Core supply voltage
• 1.7 - 3.6 v I/o supply voltage
• Parallel CMos output
• 9 x 9 mm 64-Pin QFn (LP9e) Package
• Dual Channel
typical applications
• Handheld Communication, PMr, sDr
• Medical Imaging
• Portable test equipment
• Digital oscilloscopes
• Baseband / IF Communication
• video Digitizing
• CCD Digitizing
General Description
the HMCAD1050-40 is a high performance low
power dual analog-to-digital converter (ADC). the
ADC employs internal reference circuitry, a CMos
control interface, CMos output data and is based
on a proprietary structure. Digital error correction is
employed to ensure no missing codes in the complete
full scale range.
several idle modes with fast startup times exist. each
channel can be independently powered down and
the entire chip can either be put in standby Mode or
Power Down mode. the different modes are optimized
to allow the user to select the mode resulting in the
lowest possible energy consumption during idle mode
and startup.
the HMCAD1050-40 has a highly linear tHA optimized
for frequencies up to 70 MHz. the differential clock
interface is optimized for low jitter clock sources and
supports LvDs, LvPeCL, sine wave and CMos clock
inputs.
Pin compatible with HMCAD1040-40, HMCAD1040-80
and HMCAD1050-80.
Figure 1. Functional Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn