Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMCAD1050-40 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part No. HMCAD1050-40
Description  Dual 13/12-Bit 20/40 MSPS A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMCAD1050-40 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 7
HMCAD1050-40
v01.0411
Dual 13/12-Bit 20/40 MSPS
a/D Converter
Pin Configuration and Description
Figure 3: Package Drawing, 64-pin QFn or tQFP
table 2: Pin Function
Pin #
Name
Description
1, 18, 23
DvDD
Digital and I/o-ring pre driver supply voltage, 1.8v
2
CM_eXt
Common Mode voltage output
3, 9, 12
AvDD
Analog supply voltage, 1.8v
4, 5, 8
Avss
Analog ground
6, 7
IP0, In0
Analog input Channel 0 (non-inverting, inverting)
10, 11
IP1, In1
Analog input Channel 1 (non-inverting, inverting)
13
DvssCK
Clock circuitry ground
14
DvDDCK
Clock circuitry supply voltage, 1.8v
15
CKP
Clock input, non-inverting (Format: LvDs, LvPeCL, CMos/ttL, sine Wave)
16
CKn
Clock input, inverting. For CMos input on CKP, connect CKn to ground.
17, 64
Dvss
Digital circuitry ground
19
CK_eXt_en
CK_eXt signal enabled when low (zero). tristate when high.
20
DFrMt
Data format selection. 0: offset Binary, 1: two’s Complement


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn