Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMCAD1050-40 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part No. HMCAD1050-40
Description  Dual 13/12-Bit 20/40 MSPS A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMCAD1050-40 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMCAD1050-40 Datasheet HTML 2Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 3Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 4Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 5Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 6Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 7Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 8Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 9Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 10Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 6
HMCAD1050-40
v01.0411
Dual 13/12-Bit 20/40 MSPS
a/D Converter
timing Diagram
Figure 2: Timing Diagram
absolute Maximum ratings
Absolute maximum ratings are limiting values to be applied for short periods of time. exposure to absolute maximum
rating conditions for an extended period of time may reduce device lifetime.
table 1:
Pin
Pin
Rating
AvDD
Avss
-0.3v to +2.3v
DvDD
Dvss
-0.3v to +2.3v
Avss, DvssCK, Dvss, ovss
Dvss
-0.3v to +0.3v
ovDD
ovss
-0.3v to +3.9v
IPx, Inx, analog inputs and outputs
Avss
-0.3v to +2.3v
Digital outputs
ovss
-0.3v to +3.9v
CKP, CKn
DvssCK
-0.3v to +3.9v
Digital Inputs
ovss
-0.3v to +3.9v
operating temperature
-40 to +85 ºC
storage temperature
-60 to +150 ºC
soldering Profile Qualification
J-stD-020
eLeCtrostAtIC sensItIve DevICe
oBserve HAnDLInG PreCAUtIons
stresses above those listed under Absolute Maximum
ratings may cause permanent damage to the device. this
is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in
the operational section of this specification is not implied.
exposure to absolute maximum rating conditions for
extended periods may affect device reliability.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn