Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMCAD1050-40 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMCAD1050-40
Description  Dual 13/12-Bit 20/40 MSPS A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMCAD1050-40 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 5
HMCAD1050-40
v01.0411
Dual 13/12-Bit 20/40 MSPS
a/D Converter
Digital and timing Specifications
AvDD= 1.8v, DvDD= 1.8v, DvDDCK= 1.8v, ovDD= 2.5v, Conversion rate: Max specified, 50% clock duty cycle, -1 dBFs input signal, 5 pF capacitive
load on data outputs, unless otherwise noted
Parameter
Condition
Min
Typ
Max
Unit
Clock Inputs
Duty Cycle
20
80
% high
Compliance
CMos, LvDs, LvPeCL, sine Wave
Input range
Differential input swing
0.4
vpp
Input range
Differential input swing, sine wave clock input
1.6
vpp
Input common mode voltage
Keep voltages within ground and voltage of ovDD
0.3
v
ovDD -0.3
v
Input capacitance
Differential
2
pF
Timing
t
PD
start up time from Power Down Mode to Active Mode
900
clock cycles
t
sLP
start up time from sleep Mode to Active Mode
20
clock cycles
t
ovr
out of range recovery time
1
clock cycles
t
AP
Aperture Delay
0.8
ns
Єrms
Aperture jitter
< 0.5
ps
t
LAt
Pipeline Delay
12
clock cycles
t
D
output delay (see timing diagram). 5pF load on output bits
3
10
ns
t
DC
output delay relative to CK_eXt (see timing diagram)
1
6
ns
Logic Inputs
v
HI
High Level Input voltage. v
ovDD ≥ 3.0v
2
v
v
HI
High Level Input voltage. v
ovDD = 1.7v – 3.0v
0.8 ·v
ovDD
v
v
LI
Low Level Input voltage. v
ovDD ≥ 3.0v
0
0.8
v
v
LI
Low Level Input voltage. v
ovDD = 1.7v – 3.0v
0
0.2 ·v
ovDD
v
I
HI
High Level Input leakage Current
±10
µA
I
LI
Low Level Input leakage Current
±10
µA
C
I
Input Capacitance
3
pF
Logic Outputs
v
Ho
High Level output voltage
v
ovDD -0.1
v
v
Lo
Low Level output voltage
0.1
v
C
L
Max capacitive load. Post-driver supply voltage equal to digital
supply voltage v
ovDD = vDvDD
5
pF
C
L
Max capacitive load. Post-driver supply voltage above 2.25v (1)
10
pF
(1) the outputs will be functional with higher loads. However, it is recommended to keep the load on output data bits as low as possible to keep
dynamic currents and resulting switching noise at a minimum


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn