Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMCAD1050-40 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part No. HMCAD1050-40
Description  Dual 13/12-Bit 20/40 MSPS A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMCAD1050-40 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMCAD1050-40 Datasheet HTML 1Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 2Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 3Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 4Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 5Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 6Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 7Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 8Page - Hittite Microwave Corporation HMCAD1050-40 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 4
HMCAD1050-40
v01.0411
Dual 13/12-Bit 20/40 MSPS
a/D Converter
aC electrical Specifications - 40 MSPS
AvDD=1.8v, DvDD=1.8v, DvDDCK=1.8v, ovDD=2.5v, Fs=40MsPs clock, 50% clock duty cycle, -1dBFs 8MHz input signal, 13 bit output,
unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Unit
Performance
snr
signal to noise ratio
F
In = 2 MHz
72.5
dBFs
F
In = 8 MHz
71.9
72.7
dBFs
F
In =~ Fs/2
72
dBFs
F
In = 30 MHz
70.8
dBFs
snDr
signal to noise and Distortion ratio
F
In = 2 MHz
71.7
dBFs
F
In = 8 MHz
71
72.1
dBFs
F
In =~ Fs/2
71.5
dBFs
F
In = 30 MHz
71.2
dBFs
sFDr
spurious Free Dynamic range
F
In = 2 MHz
81
dBc
F
In = 8 MHz
75
81
dBc
F
In =~ Fs/2
80
dBc
F
In = 30 MHz
80
dBc
HD2
second order Harmonic Distortion
F
In = 2 MHz
-90
dBc
F
In = 8 MHz
-85
-95
dBc
F
In =~ Fs/2
-95
dBc
F
In = 30 MHz
-90
dBc
HD3
third order Harmonic Distortion
F
In = 2 MHz
-81
dBc
F
In = 8 MHz
-75
-81
dBc
F
In =~ Fs/2
-80
dBc
F
In = 30 MHz
-80
dBc
enoB
effective number of Bits
F
In = 2 MHz
11.6
bits
F
In = 8 MHz
11.5
11.7
bits
F
In =~ Fs/2
11.6
bits
F
In = 30 MHz
11.5
bits
Crosstalk
signal crosstalk between channels, F
In1 = 8MHz, FIn0 = 9.9MHz
-100
dB
Power Supply
Analog supply current
21.1
mA
Digital supply current
Digital core supply
3.3
mA
output driver supply
2.5v output driver supply, sine wave input, F
In = 1 MHz, CK_eXt enabled
5.3
mA
output driver supply
2.5v output driver supply, sine wave input, F
In = 1 MHz, CK_eXt disabled
4.4
mA
Analog power Dissipation
38
mW
Digital power Dissipation
ovDD = 2.5v, ~5pF load on output bits, F
In = 1 MHz, CK_eXt disabled
16.9
mW
total power Dissipation
ovDD = 2.5v, ~5pF load on output bits, F
In = 1 MHz, CK_eXt disabled
54.9
mW
Power Down Dissipation
9.7
µW
sleep Mode 1
Power Dissipation, sleep mode one channel
36.1
mW
sleep Mode 2
Power Dissipation, sleep mode both channels
14.2
mW
Clock Inputs
Max. Conversion rate
40
MsPs
Min. Conversion rate
3
MsPs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn