Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMCAD1041-80 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMCAD1041-80
Description  Single 10-Bit 65/80 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMCAD1041-80 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMCAD1041-80 Datasheet HTML 1Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 2Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 3Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 4Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 5Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 6Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 7Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 8Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 3
HMCAD1041-80
v01.0411
Single 10-Bit 65/80 MSPS
A/D Converter
AC electrical Specifications - 65 MSPS
AvDD=1.8v, DvDD=1.8v, DvDDCK=1.8v, ovDD=2.5v, Fs=65MsPs clock, 50% clock duty cycle, -1dBFs 8MHz input signal, unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Unit
Performance
snr
signal to noise ratio
F
In = 8 MHz
60
61.6
dBFs
F
In = 20 MHz
61.6
dBFs
F
In =~ Fs/2
61.5
dBFs
F
In = 40 MHz
61.3
dBFs
snDr
signal to noise and Distortion ratio
F
In = 8 MHz
60
61.6
dBFs
F
In = 20 MHz
61.6
dBFs
F
In =~ Fs/2
60.4
dBFs
F
In = 40 MHz
61.1
dBFs
sFDr
spurious Free Dynamic range
F
In = 8 MHz
70
77
dBc
F
In = 20 MHz
77
dBc
F
In =~ Fs/2
70
dBc
F
In = 40 MHz
75
dBc
HD2
second order Harmonic Distortion
F
In = 8 MHz
-80
-90
dBc
F
In = 20 MHz
-95
dBc
F
In =~ Fs/2
-85
dBc
F
In = 40 MHz
-90
dBc
HD3
third order Harmonic Distortion
F
In = 8 MHz
-70
-77
dBc
F
In = 20 MHz
-77
dBc
F
In =~ Fs/2
-70
dBc
F
In = 40 MHz
-75
dBc
enoB
effective number of Bits
F
In = 8 MHz
9.7
9.9
bits
F
In = 20 MHz
9.9
bits
F
In =~ Fs/2
9.7
bits
F
In = 40 MHz
9.9
bits
Power Supply
Analog supply current
13.8
mA
Digital supply current
Digital core supply
2.6
mA
output driver supply
2.5v output driver supply, sine wave input, F
In = 1 MHz, CK_eXt enabled
4.9
mA
output driver supply
2.5v output driver supply, sine wave input, F
In = 1 MHz, CK_eXt disabled
3.4
mA
Analog power Dissipation
24.8
mW
Digital power Dissipation
ovDD = 2.5v, 5pF load on output bits, F
In = 1 MHz, CK_eXt disabled
13.2
mW
total power Dissipation
ovDD = 2.5v, 5pF load on output bits, F
In = 1 MHz, CK_eXt disabled
38
mW
Power Down Dissipation
9.3
µW
sleep Mode
Power Dissipation, sleep mode
15.7
mW
Clock Inputs
Max. Conversion rate
65
MsPs
Min. Conversion rate
3
MsPs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn