Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMCAD1041-80 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMCAD1041-80
Description  Single 10-Bit 65/80 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMCAD1041-80 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMCAD1041-80 Datasheet HTML 1Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 2Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 3Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 4Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 5Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 6Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 7Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 8Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 2
HMCAD1041-80
v01.0411
Single 10-Bit 65/80 MSPS
A/D Converter
electrical Specifications
DC electrical Specifications
AvDD= 1.8v, DvDD= 1.8v, DvDDCK= 1.8v, ovDD= 2.5v, 65/80 MsPs clock, 50% clock duty cycle, -1 dBFs 8 MHz input signal, unless otherwise noted
Parameter
Condition
Min
Typ
Max
Unit
DC Accuracy
no missing codes
Guaranteed
offset error
Midscale offset
1
LsB
Gain error
Full scale range deviation from typical
± 6
%Fs
DnL
Differential nonlinearity
± 0.15
LsB
InL
Integral nonlinearity
± 0.2
LsB
v
CM
Common mode voltage output
v
AvDD/2
v
Analog Input
Input common mode
Analog input common mode voltage
v
CM -0.1
v
CM +0.2
v
Full scale range
Differential input voltage range
2
vpp
Input capacitance
Differential input capacitance
2
pF
Bandwidth
Input Bandwidth
500
MHz
Power Supply
Core supply voltage
supply voltage to all 1.8v domain pins. see Pin Configuration and
Description
1.7
1.8
2
v
I/o supply voltage
output driver supply voltage (ovDD). should be higher than or equal
to Core supply voltage (v
ovDD ≥ vDvDD)
1.7
2.5
3.6
v


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn