Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMCAD1041-80 Datasheet(PDF) 12 Page - Hittite Microwave Corporation

Part No. HMCAD1041-80
Description  Single 10-Bit 65/80 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMCAD1041-80 Datasheet(HTML) 12 Page - Hittite Microwave Corporation

Back Button HMCAD1041-80 Datasheet HTML 4Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 5Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 6Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 7Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 8Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 9Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 10Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 11Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 12
HMCAD1041-80
v01.0411
Single 10-Bit 65/80 MSPS
A/D Converter
outline Drawing
table 4: 6x6 mm QFn (40 Pin lP6H) Dimensions
Symbol
Millimeter
Inch
Min
Typ
Max
Min
Typ
Max
A
0.9
0.035
A1
0
0.01
0.05
0
0.000
0.002
A2
0.65
0.7
0.026
0.028
A3
0.2 reF
0.008 reF
b
0.2
0.25
0.32
0.008
0.01
0.013
D
6.00 bsc
0.236 bsc
D1
5.75 bsc
0.226 bsc
D2
3.95
4.1
4.25
0.156
0.162
0.167
L
0.3
0.4
0.5
0.012
0.016
0.02
e
0.50 bsc
0.020 bsc
Θ1
12°
12°
F
0.2
0.008
G
0.24
0.42
0.6
0.010
0.017
0.024
Package information
Part Number
Package Body Material
Lead Finish
MSL [1]
Package Marking [2]
HMCAD1041-80
roHs-compliant Low stress Injection Molded Plastic
100% matte sn
Level 2A
AsD0401
XXXX
XXXX
[1] MsL, Peak temp: the moisture sensitivity level rating classified according to the JeDeC industry standard and to peak solder temperature.
[2] Proprietary marking XXXX, 4-Digit lot number XXXX


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn